Electronic Components Datasheet Search
  English  ▼

X  

TM0001 Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # TM0001
Description  SBS® Connectors - up to 110 amps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

TM0001 Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  TM0001 Datasheet HTML 1Page - Anderson Power Products, Inc. TM0001 Datasheet HTML 2Page - Anderson Power Products, Inc. TM0001 Datasheet HTML 3Page - Anderson Power Products, Inc. TM0001 Datasheet HTML 4Page - Anderson Power Products, Inc. TM0001 Datasheet HTML 5Page - Anderson Power Products, Inc. TM0001 Datasheet HTML 6Page - Anderson Power Products, Inc. TM0001 Datasheet HTML 7Page - Anderson Power Products, Inc. TM0001 Datasheet HTML 8Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.andersonpower.com
- 50 -
All Data Subject To Change Without Notice
SBS®75X Standard Housings
Polycarbonate housings feature 4 auxiliary and 2 primary positions
all finger proof. Genderless design mates with itself, or the PCB
connector. Mechanical keys are color coded.
Voltage
Color
Description Code
------------ Part Numbers -------------
Minimum Quantity .....
250
50
...
Black
80V
SBS75XBLK-BK
SBS75XBLK
Brown
96V
SBS75XBRN-BK
SBS75XBRN
SBS®75X Chemical Resistant (CR) Housings
Same features as the standard housings, but molded out of a
chemical resistant PBT/ PC blend. Suitable for use to -40°C.
Voltage
Color
Description Code
------------- Part Numbers --------------
Minimum Quantity .....
250
50
....
Green
72V
PSBS75XGRN-BK PSBS75XGRN
Black
80V
PSBS75XBLK-BK PSBS75XBLK
SBS®75X Assembled PCB Connector
Fully assembled PCB connector is designed to mate with SBS®75X
Wire connector. All positions are preloaded with contacts including
standard mating length auxiliary positions. Press fit board locks
help secure the connector to the PCB before and after soldering.
Voltage
Color
Description Code
---- Part Number -----
Minimum Quantity .....
100
.....
Black
80V
SBS75XPRBLK-BK
SBS®75G Wire Housings
Polycarbonate housings feature three finger proof positions. The
center position can be used for pre-mate power or ground. Genderless
design mates with itself, or the PCB connector. Mechanical keys are color
coded. Inquire with customer service for chemical resistant housings.
Voltage
Color
Description Code
------------ Part Numbers -------------
Minimum Quantity .....
250
50 .....
Blue
48V
SBS75GBLU-BK
SBS75GBLU
Black
80V
SBS75GBLK-BK
SBS75GBLK
Brown
96V
SBS75GBRN-BK
SBS75GBRN
White
192V
SBS75GWHT-BK SBS75GWHT
SBS®75G Assembled PCB Connector
Fully assembled PCB connector is designed to mate with SBS®75G
Wire connector. Has press fit board locks to help secure the connector
to the PCB before and after soldering.
Voltage
Color
Description Code
---- Part Number ----
Minimum Quantity .....
100
......
Black
80V
SBS75GPRBLK-BK
See PCB connector drawing on website for further detail.
[ 46.0 ]
1.81
[ 15.2 ]
0.60
[ 84.8 ]
3.34
[ 28.9 ]
1.14
Mated Length
Premate Ground / Power
[ 41.4 ]
1.63
[ 14.5 ]
0.57
[ 59.4 ]
2.34
Material ID
P = Chemical Resistant
[ 55.9 ]
2.20
[ 32.5 ]
1.28
[ 32.5 ± 0.13 ]
0.750 ± 0.005
[ 84.8 ]
3.34
[ 28.9 ]
1.14
Mated Length
Bottom View
Material ID
P = Chemical Resistant
[ 15.2 ]
0.60
[ 46.0 ] 1.81
Front View
Primary Power Contacts
Pin
Socket
[ 3.4 ]
0.13
TYP
[ 5.7 ]
0.62
[ 74.9 ]
2.95
[ 19.1 ]
0.75
[ 4.0 ]
0.16
TYP
[ 56.8 ]
2.24
[ 49.6]
1.95
Back View
Side View
Mated Length
See PCB connector drawing on website for further detail.
[ 46.1 ]
1.81
[ 41.00 ]
1.614
[ 26.92 ]
1.06
[ 4.1 ]
0.16 (4)
[ 4.0 ]
0.16 (4)
[ 56.8 ]
2.24
[ 15.7 ]
0.62
Side View
Mated Length
[ 74.9 ]
2.95
Back View
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com