Electronic Components Datasheet Search
  English  ▼

X  

1041000000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1041000000
Description  SCDN 3.81/12/90F 3.2SN OR BX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1041000000 Datasheet(HTML) 1 Page - Weidmuller

  1041000000 Datasheet HTML 1Page - Weidmuller 1041000000 Datasheet HTML 2Page - Weidmuller 1041000000 Datasheet HTML 3Page - Weidmuller 1041000000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data sheet
SCDN 3.81/12/90F 3.2SN OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
Product image
Extra flat two-tier SCDN pin header for wave soldering.
• Two compact interfaces are used with the flat BCF 3.81
(PUSH IN) socket block.
• Available as 90° (recumbent).
• Connections on a single level, allowing access that is
flush over the front board.
• Space for labelling and coding
• Packed in cardboard box.
Weidmüller's 3.81-mm-pitch (0.15 inch) plug-in connec-
tors are compatible with the layouts of standard connec-
tors and offer space for labelling and coding.
General ordering data
 
Version
PCB plug-in connector, male header, Flange, THT
solder connection, 3.81 mm, Number of poles: 12,
90°, Solder pin length (l): 3.2 mm, tinned, orange,
Box
Order No.
1041000000
Type
SCDN 3.81/12/90F 3.2SN OR BX
GTIN (EAN)
4032248769841
Qty.
50 items
Product data
IEC: 320 V / 17.5 A
UL: 300 V / 11 A
Packaging
Box
 
 
Creation date 02.01.2026 02:08:29 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 1041000000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10410000001 ETC2-10410000001 Datasheet
564Kb / 1P
Han-Eco 10E GND male Screw Terminal module
10410000002 ETC2-10410000002 Datasheet
566Kb / 1P
Han-Eco 6B Panel Mt Housing
10410000003 ETC2-10410000003 Datasheet
555Kb / 1P
Han-Eco 10B Panel Mt Housing
10410000004 ETC2-10410000004 Datasheet
566Kb / 1P
Han-Eco 10B Panel Mt Housing
10410000005 ETC2-10410000005 Datasheet
569Kb / 1P
Han-Eco 16B Panel Mt. Housing
More results

Similar Description - 1041000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1000320001 WEIDMULLER-1000320001 Datasheet
77Kb / 3P
BLF 5.08/12/90F SN BK BX
1793130000 WEIDMULLER-1793130000 Datasheet
84Kb / 5P
SC 3.81/02/90G 3.2SN BK BX
1979560000 WEIDMULLER-1979560000 Datasheet
78Kb / 3P
BLF 5.00/12/90F SN BK BX
1862460000 WEIDMULLER-1862460000 Datasheet
189Kb / 11P
Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/02/90G 3.2SN BK BX
1862480000 WEIDMULLER-1862480000 Datasheet
189Kb / 11P
Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/03/90G 3.2SN BK BX
1862490000 WEIDMULLER-1862490000 Datasheet
189Kb / 11P
Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/90G 3.2SN BK BX
1862530000 WEIDMULLER-1862530000 Datasheet
189Kb / 11P
Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/08/90G 3.2SN BK BX
1862550000 WEIDMULLER-1862550000 Datasheet
189Kb / 11P
Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/10/90G 3.2SN BK BX
1862950000 WEIDMULLER-1862950000 Datasheet
188Kb / 11P
Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/180G 3.2SN BK BX
1863020000 WEIDMULLER-1863020000 Datasheet
188Kb / 11P
Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/06/180G 3.2SN BK BX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com