Electronic Components Datasheet Search
  English  ▼

X  

FX2 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # FX2
Description  Signal Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FX2 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  FX2 Datasheet HTML 1Page - TE Connectivity Ltd FX2 Datasheet HTML 2Page - TE Connectivity Ltd FX2 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02-2015, Rev. 0215
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
AXICOM
Signal Relays
FX2 Relay (Continued)
Insulation
standard
high dielectric
Initial dielectric strength
between open contacts
1800Vrms
2100Vrms
between contact and coil
1800Vrms
4000Vrms
between adjacent contacts
1800Vrms
2100Vrms
Initial surge withstand voltage
between open contacts
2500V
2900V
between contact and coil
3500V
6000V
between adjacent contacts
2500V
2900V
Initial insulation resistance
between insulated elements
>109Ω
>109Ω
Capacitance
between open contacts
max. 4pF
between contact and coil
max. 2pF
between adjacent contacts
max. 2pF
Cross talk at 100MHz/900MHz
-34.0dB/-15.1dB
Insertion loss at 100MHz/900MHz
0.03dB/0.60dB
Voltage standing wave ratio (VSWR)
at 100MHz/900MHz
1.07/1.45
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40°C to +85°C
Category of environmental protection
IEC 61810
RT V - immersion cleanable
Degree of protection, IEC 60529
IP 67, immersion cleanable
Vibration resistance (functional)
20g, 10 to 500Hz
Shock resistance (functional), half sinus 11ms
50g
Shock resistance (destructive), half sinus 0.5ms
1500g
Weight
max. 2.5g
Resistance to soldering heat THT
Peek value
IEC 60068-2-20
265°C/10s
Ultrasonic cleaning
not recommended
Packaging/unit
tube/50 pcs., box/1000 pcs.
Coil Data (continued)
Coil versions, bistable 1 coil
Coil
Rated
Set
Limiting
Reset
Coil
Rated coil
code
voltage
voltage
voltage
voltage resistance
power
VDC
VDC
VDC
VDC
Ω±10%
mW
Standard, bistable 1 coil
41
3
2.25
7.50
-2.25
90
100
42
4.5
3.38
11.20
-3.38
203
100
43
5
3.75
12.40
-3.75
250
100
44
6
4.50
14.90
-4.50
360
100
45
9
6.75
22.40
-6.75
810
100
46
12
9.00
29.80
-9.00
1440
100
47
24
18.00
48.70
-18.00
3840
150
High dielectric version, bistable 1 coil
62
4.5
3.15
11.20
-3.15
203
100
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Umax upper limit of the operative range of the coil voltage (limiting voltage) when coils are
continuously energized
Uop min lower limit of the operative range of the coil voltage (reliable operate voltage)
Urel min lower limit of the operative range of the coil voltage (reliable release voltage)
108-98003 Rev. G
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 11
Telecom-, Signal and RF Relays
FX2 Relay
AXICOM
Coil Operating Range
Unom =
Nominal coil voltage
Umax. =
Upper limit of the operative range of
the coil voltage (limiting voltage)
Uop. min. =
Lower limit of the operative range of the
coil voltage (reliable operate voltage)
For latching relays Uset min. resp. Ureset min.
Urel. min. =
Lower limit of the operative range of
the coil voltage (reliable release voltage)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-60
-50
-40-30
-20
-100
10
20
30
40
50
60
70
80
90
100 110 120
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
80 mW
140 mW
200 mW
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
-60-50
-40-30
-20-10
0102030405060708090
100 110 120
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Uop. min.
Urel. min.
Ambient Temperature [°C]
Unom. nominal coil voltage
260 mW
300 mW
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
-60-50 -40-30 -20-10
0102030405060708090100 110120 130140
Umax. - 5 % coil duty at 2 x 2 A
Umax. - 100 % coil duty at 0 A
Uset min.
Ambient Temperature [°C]
100 mW Latching
Unom. nominal coil voltage
Umax. - 5 % coil duty at 0 A
Umax. - 5 % coil duty at 2 x 1 A
108-98003 Rev. G
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 11
Telecom-, Signal and RF Relays
FX2 Relay
AXICOM
Coil Operating Range
Unom =
Nominal coil voltage
Umax. =
Upper limit of the operative range of
the coil voltage (limiting voltage)
Uop. min. =
Lower limit of the operative range of the
coil voltage (reliable operate voltage)
For latching relays Uset min. resp. Ureset min.
Urel. min. =
Lower limit of the operative range of
the coil voltage (reliable release voltage)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-60
-50
-40-30
-20
-100
10
20
30
40
50
60
70
80
90
100 110 120
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
80 mW
140 mW
200 mW
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
-60-50
-40-30
-20-10
0102030405060708090
100 110 120
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Uop. min.
Urel. min.
Ambient Temperature [°C]
Unom. nominal coil voltage
260 mW
300 mW
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
-60-50 -40-30 -20-10
0102030405060708090100 110120 130140
Umax. - 5 % coil duty at 2 x 2 A
Umax. - 100 % coil duty at 0 A
Uset min.
Ambient Temperature [°C]
100 mW Latching
Unom. nominal coil voltage
Umax. - 5 % coil duty at 0 A
Umax. - 5 % coil duty at 2 x 1 A
PCB layout
TOP view on component side of PCB
Terminal assignment
TOP view on component side of PCB
Monostable
Bistable, 1 coil
Contacts are shown in reset
condition.
Both coils can be used as
either set or reset coils.
Contact position might
change during transportation
and must be reset before
use.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com