Electronic Components Datasheet Search
  English  ▼

X  

FMAD1237 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMAD1237
Description  Precision N Male to N Male Adapter with Passivated Stainless Steel Body
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMAD1237 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMAD1237 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMAD1237 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMAD1237 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1.0 Page 1 of 3
Copyright © 2019
Type N male to type N male adapter part number FMAD1237 from Fairview
Microwave is in-stock and ships same day. This Fairview type N to type N adapter
has a male to male gender configuration and is built of durable stainless steel in
a precision design. FMAD1237 type N male to type N male adapter operates to
18 GHz. The Fairview Microwave RF adapter provides excellent VSWR of 1.15:1
maximum.
RF adapters can be used to enable connections between two connector types
that would otherwise not mate. Certain RF adapter configurations can also be
used to protect connectors on expensive equipment where the number of connect
and disconnect cycles is high. An RF, microwave, or millimeter wave adapter is
connected to the equipment and the commonly changed connection is made with
the adapter which can be easily replaced when it wears out after high usage;
such adapters are referred to as connector savers. Fairview Microwave also offers
bulkhead, panel mount, hermetically sealed, reverse polarity, and isolated ground
adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
18
GHz
VSWR
1.15:1
Operating Voltage (AC)
1,000
Vrms
DWV (AC)
2,500
Vrms
Insulation Resistance
5,000
MOhms
Mechanical Specifications
Size
Length
1.9 in [48.0 mm]
Width
0.83 in [21.08 mm]
Height
0.83 in [21.08 mm]
.
Weight
0.1541 lbs [69.9 g]
Description
Connector 1
Connector 2
Type
N Male
N Male
Polarity
Standard
Standard
Mating Cycles
500
500
Precision N Male to N Male Adapter with Passivated
Stainless Steel Body
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
•N Male Connector 1
•N Male Connector 2
•50 Ohm
•Precision Design
•Straight Body Geometry
Features:
• VSWR of 1.15:1 max
up to 18 GHz
• Contact plating according
to MIL-G-45204
• Gold over Nickel Plated
Brass Contact
Applications:
• General Purpose Test
• Precision Test & Measurement
FMAD1237
DATA SHEET


Similar Part No. - FMAD1237

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAD1230 FAIRVIEW-FMAD1230 Datasheet
542Kb / 3P
Miter RA 3.5mm Female to 3.5mm Female Adapter with Passivated Stainless Steel Body
REV 1.0 A
FMAD1231 FAIRVIEW-FMAD1231 Datasheet
446Kb / 3P
Miter RA 2.4mm Female to 2.4mm Female Adapter with Passivated Stainless Steel Body
REV 1.0 A
FMAD1234 FAIRVIEW-FMAD1234 Datasheet
605Kb / 3P
SMA Female (Jack) to TNC Female (Jack) Bulkhead Adapter, Nickel Plated Brass Body, High Temp, 1.3 VSWR
REV 1.2 A
FMAD1236 FAIRVIEW-FMAD1236 Datasheet
586Kb / 3P
N Male to N Female Adapter with Passivated Stainless Steel Body
REV 1.0 A
FMAD1238 FAIRVIEW-FMAD1238 Datasheet
617Kb / 3P
Miter RA 1.85mm Female to 2.4mm Female Adapter with Passivated Stainless Steel Body
REV 1.1 A
More results

Similar Description - FMAD1237

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7004-2 PASTERNACK-PE7004-2_16 Datasheet
241Kb / 4P
2 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-4 PASTERNACK-PE7004-4_16 Datasheet
241Kb / 4P
4 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-6 PASTERNACK-PE7004-6_16 Datasheet
241Kb / 4P
6 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-7 PASTERNACK-PE7004-7_16 Datasheet
240Kb / 4P
7 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-8 PASTERNACK-PE7004-8_16 Datasheet
241Kb / 4P
8 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-9 PASTERNACK-PE7004-9_16 Datasheet
241Kb / 4P
9 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-12 PASTERNACK-PE7004-12_16 Datasheet
241Kb / 4P
12 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-7 PASTERNACK-PE7047-7_16 Datasheet
231Kb / 4P
7 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-10 PASTERNACK-PE7047-10_16 Datasheet
231Kb / 4P
10 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-40 PASTERNACK-PE7047-40_16 Datasheet
231Kb / 4P
40 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com