Electronic Components Datasheet Search
  English  ▼

X  

OP290GP Datasheet(PDF) 2 Page - Analog Devices

Part # OP290GP
Description  Precision, Low Power, Micropower Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290GP Datasheet(HTML) 2 Page - Analog Devices

  OP290GP Datasheet HTML 1Page - Analog Devices OP290GP Datasheet HTML 2Page - Analog Devices OP290GP Datasheet HTML 3Page - Analog Devices OP290GP Datasheet HTML 4Page - Analog Devices OP290GP Datasheet HTML 5Page - Analog Devices OP290GP Datasheet HTML 6Page - Analog Devices OP290GP Datasheet HTML 7Page - Analog Devices OP290GP Datasheet HTML 8Page - Analog Devices OP290GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. B
–2–
OP290–SPECIFICATIONS
(@ VS =
1.5 V to
15 V, TA = 25 C, unless otherwise noted.)
OP290G
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
VOS
125
500
µV
INPUT OFFSET CURRENT
IOS
VCM = 0 V
0.1
5
nA
INPUT BIAS CURRENT
IB
VCM = 0 V
4.0
25
nA
LARGE-SIGNAL
AVO
VS =
±15 V, V
O =
±10 V
VOLTAGE GAIN
RL = 100 k
Ω
400
600
V/mV
RL = 10 k
Ω
200
400
V/mV
RL = 2 k
Ω
100
200
V/mV
V+ = 5 V, V– = 0 V,
1 V < VO < 4 V
RL = 100 k
Ω
100
250
V/mV
RL = 10 k
Ω
70
140
V/mV
INPUT VOLTAGE RANGE
1
IVR
V+ = 5 V, V– = 0 V
0/4
V
VS =
±5 V1
–15/13.5
V
OUTPUT VOLTAGE SWING
VO
VS =
±5 V
RL = 10 k
Ω±13.5
±14.2
V
RL = 2 k
Ω±10.5
±11.5
V
VOH, VOL
V+ = 5 V, V– = 0 V
4.0
4.2
V
RL = 10k
Ω
10
50
µV
COMMON-MODE
CMR
V+ = 5 V, V– = 0 V
80
100
dB
REJECTION
0 V < VCM < 4 V
VS =
±15 V,
90
120
dB
–15 V < VCM < +13.5 V
POWER SUPPLY
PSRR
3.2
10
µV/V
REJECTION RATIO
SUPPLY CURRENT
ISY
VS =
±1.5 V
19
30
µA
(All Amplifiers)
VS =
±15 V
25
40
µA
CAPACITIVE LOAD
AV = +1
650
pF
STABILITY
No Oscillations
INPUT NOISE VOLTAGE
1
enp-p
fO = 0.1 Hz to 10 Hz
3
µV p-p
VS =
±15 V
INPUT RESISTANCE
RIN
VS =
±15 V
30
M
Ω
DIFFERENTIAL-MODE
INPUT RESISTANCE
RINCM
VS =
±15 V
20
G
Ω
COMMON-MODE
SLEW RATE
SR
AV = +1
5
12
V/ms
VS =
±15 V
GAIN BANDWIDTH
GBWP
Vs = +15 V
20
kHz
PRODUCT
VS =
±15 V
CHANNEL
CS
fO = 10 Hz
120
150
dB
SEPARATION
2
VO = 20 V p-p
VS =
±15 V2
NOTES
1Guaranteed by CMR test.
2Guaranteed but not 100% tested.
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com