Electronic Components Datasheet Search
  English  ▼

X  

OP413 Datasheet(PDF) 11 Page - Analog Devices

Part # OP413
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP413 Datasheet(HTML) 11 Page - Analog Devices

Back Button OP413 Datasheet HTML 7Page - Analog Devices OP413 Datasheet HTML 8Page - Analog Devices OP413 Datasheet HTML 9Page - Analog Devices OP413 Datasheet HTML 10Page - Analog Devices OP413 Datasheet HTML 11Page - Analog Devices OP413 Datasheet HTML 12Page - Analog Devices OP413 Datasheet HTML 13Page - Analog Devices OP413 Datasheet HTML 14Page - Analog Devices OP413 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
OP113/OP213/OP413
Rev. F | Page 11 of 24
140
100
0
1M
1k
100k
10k
100
120
60
80
20
40
FREQUENCY (Hz)
+PSRR
–PSRR
TA = 25°C
VS = ±15V
Figure 29. Power Supply Rejection vs. Frequency @ ±15 V
6
3
0
2
1
4
5
FREQUENCY (Hz)
VS = 5V
RL = 2kΩ
TA = 25°C
AVCL = 1
1k
10k
100k
1M
10M
Figure 30. Maximum Output Swing vs. Frequency @ 5 V
50
0
500
15
5
100
10
0
30
20
25
35
40
45
400
300
200
LOAD CAPACITANCE (pF)
POSITIVE
EDGE
NEGATIVE
EDGE
VS = 5V
RL = 2kΩ
VIN = 100mV p-p
TA = 25°C
AVCL = 1
Figure 31. Small-Signal Overshoot vs. Load Capacitance @ 5 V
40
20
0
1M
1k
100k
10k
100
10
30
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
AV = 100
AV = 10
AV = 1
Figure 32. Closed-Loop Output Impedance vs. Frequency @ ±15 V
30
15
0
10
5
20
25
FREQUENCY (Hz)
1k
10k
100k
1M
10M
VS = ±15V
RL = 2kΩ
TA = 25°C
AVOL = 1
Figure 33. Maximum Output Swing vs. Frequency @ ±15 V
20
0
500
6
2
100
4
0
12
8
10
14
16
18
400
300
200
LOAD CAPACITANCE (pF)
NEGATIVE
EDGE
POSITIVE
EDGE
VS = ±15V
RL = 2kΩ
VIN = 100mV p-p
TA = 25°C
AVCL = 1
Figure 34. Small-Signal Overshoot vs. Load Capacitance @ ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com