Electronic Components Datasheet Search
  English  ▼

X  

OP113ES Datasheet(PDF) 14 Page - Analog Devices

Part # OP113ES
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP113ES Datasheet(HTML) 14 Page - Analog Devices

Back Button OP113ES Datasheet HTML 10Page - Analog Devices OP113ES Datasheet HTML 11Page - Analog Devices OP113ES Datasheet HTML 12Page - Analog Devices OP113ES Datasheet HTML 13Page - Analog Devices OP113ES Datasheet HTML 14Page - Analog Devices OP113ES Datasheet HTML 15Page - Analog Devices OP113ES Datasheet HTML 16Page - Analog Devices OP113ES Datasheet HTML 17Page - Analog Devices OP113ES Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
OP113/OP213/OP413
Rev. F | Page 14 of 24
APPLICATION CIRCUITS
A HIGH PRECISION INDUSTRIAL LOAD-CELL
SCALE AMPLIFIER
The OPx13 family makes an excellent amplifier for
conditioning a load-cell bridge. Its low noise greatly improves
the signal resolution, allowing the load cell to operate with a
smaller output range, thus reducing its nonlinearity. Figure 41
shows one half of the OPx13 family used to generate a very
stable 10 V bridge excitation voltage while the second amplifier
provides a differential gain. R4 should be trimmed for
maximum common-mode rejection.
16
2
13
6
7
11 12
4
14
15
9
1
3
AD588BQ
8
10
3
2
8
1
A2
2N2219A
+10V
+15V
–15V
+10V
6
5
4
7
A1
OUTPUT
010V
FS
–15V
1/2
OP213
+
–
+ 10µF
+
–
CMRR TRIM
10-TURN
T.C. LESS THAN 50ppm/°C
350Ω
LOAD
CELL
100mV
F.S.
R5
1kΩ
1/2
OP213
R1
17.2kΩ
0.1%
R2
301Ω
0.1%
R4
500Ω
R3
17.2kΩ
0.1%
Figure 41. Precision Load-Cell Scale Amplifier
A LOW VOLTAGE, SINGLE SUPPLY STRAIN GAGE
AMPLIFIER
The true zero swing capability of the OPx13 family allows the
amplifier in Figure 42 to amplify the strain gage bridge
accurately even with no signal input while being powered by a
single 5 V supply. A stable 4 V bridge voltage is made possible
by the rail-to-rail OP295 amplifier, whose output can swing to
within a millivolt of either rail. This high voltage swing greatly
increases the bridge output signal without a corresponding
increase in bridge input.
3
2
8
1
2N2222A
2.5V
1/2
OP295
4
2
4
6
IN
OUT
GND
REF43
4V
5V
1/2
OP213
1
3
2
8
6
5
4
7
R4
100kΩ
R3
20kΩ
R6
27.4Ω
R5
2.1kΩ
R2
20kΩ
R1
100kΩ
1/2
OP295
RG = 2127.4Ω
5V
OUTPUT
0V
3.5V
+
–
+
–
350Ω
35mV
FS
R8
12kΩ
R7
20kΩ
+
–
Figure 42. Single Supply Strain Gage Amplifier
A HIGH ACCURACY LINEARIZED RTD
THERMOMETER AMPLIFIER
Zero suppressing the bridge facilitates simple linearization of
the resistor temperature device (RTD) by feeding back a small
amount of the output signal to the RTD. In Figure 43, the left
leg of the bridge is servoed to a virtual ground voltage by
Amplifier A1, and the right leg of the bridge is servoed to 0 V
by Amplifier A2. This eliminates any error resulting from
common-mode voltage change in the amplifier. A 3-wire RTD
is used to balance the wire resistance on both legs of the bridge,
thereby reducing temperature mismatch errors. The 5 V bridge
excitation is derived from the extremely stable AD588 reference
device with 1.5 ppm/°C drift performance.
Linearization of the RTD is done by feeding a fraction of the
output voltage back to the RTD in the form of a current. With
just the right amount of positive feedback, the amplifier output
will be linearly proportional to the temperature of the RTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com