Electronic Components Datasheet Search
  English  ▼

X  

OP07D Datasheet(PDF) 8 Page - Analog Devices

Part # OP07D
Description  150 關V Maximum Offset Voltage Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP07D Datasheet(HTML) 8 Page - Analog Devices

Back Button OP07D Datasheet HTML 4Page - Analog Devices OP07D Datasheet HTML 5Page - Analog Devices OP07D Datasheet HTML 6Page - Analog Devices OP07D Datasheet HTML 7Page - Analog Devices OP07D Datasheet HTML 8Page - Analog Devices OP07D Datasheet HTML 9Page - Analog Devices OP07D Datasheet HTML 10Page - Analog Devices OP07D Datasheet HTML 11Page - Analog Devices OP07D Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
OP07D
Rev. 0 | Page 8 of 16
0
–0.40
–0.35
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±5V
Figure 14. Input Bias Current vs. Temperature
VS = ±15V
VS = ±5V
146
124
126
128
130
132
134
134
138
140
142
144
–50
0
50
100
150
TEMPERATURE (°C)
Figure 15. CMRR vs. Temperature
16000
2000
4000
6000
8000
10000
12000
14000
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±15V
VS = ±5V
RL = 2kΩ
Figure 16. Open-Loop Gain vs. Temperature
150
120
130
140
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±4V TO ±18V
Figure 17. PSRR vs. Temperature
40
10
20
30
–50
0
50
100
150
VS = ±5V
VS = ±15V
TEMPERATURE (°C)
Figure 18. Short-Circuit Current vs. Temperature
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
1020304
SUPPLY VOLTAGE (V)
0
Figure 19. Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com