Electronic Components Datasheet Search
  English  ▼

X  

L5972D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5972D
Description  2A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5972D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5972D Datasheet HTML 2Page - STMicroelectronics L5972D Datasheet HTML 3Page - STMicroelectronics L5972D Datasheet HTML 4Page - STMicroelectronics L5972D Datasheet HTML 5Page - STMicroelectronics L5972D Datasheet HTML 6Page - STMicroelectronics L5972D Datasheet HTML 7Page - STMicroelectronics L5972D Datasheet HTML 8Page - STMicroelectronics L5972D Datasheet HTML 9Page - STMicroelectronics L5972D Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
L5972D
Figure 11. Junction Temperature vs. Output
Current
Figure 12. Junction Temperature vs. Output
Current
Figure 13. Efficiency vs. Output Current
Figure 14. Efficiency vs. Output Current
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
TJ(°C)
Vin=5V
Tamb.=25 °C
Vo=1.8V
Vo=2.5V
Vo=3.3V
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
TJ(°C)
Vo=2.5V
Vo=3.3V
Vo=5V
Vin=12V
Tamb= 25°C
67
69
71
73
75
77
79
81
83
85
87
89
91
93
95
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
Io (A)
Vo=1.8V
Vo=2.5V
Vo=3.3V
Vcc=5V
Vo=1.8V
Vo=2.5V
Vo=3.3V
70
72
74
76
78
80
82
84
86
88
90
92
94
96
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
Io (A)
Vin=12V
Vo=2.5V
Vo=3.3V
Vo=5V
Vin=12V
Vo=2.5V
Vo=3.3V
Vo=5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com