Electronic Components Datasheet Search
  English  ▼

X  

ADCMP563BRQ Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP563BRQ
Description  Dual, High Speed ECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP563BRQ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP563BRQ Datasheet HTML 2Page - Analog Devices ADCMP563BRQ Datasheet HTML 3Page - Analog Devices ADCMP563BRQ Datasheet HTML 4Page - Analog Devices ADCMP563BRQ Datasheet HTML 5Page - Analog Devices ADCMP563BRQ Datasheet HTML 6Page - Analog Devices ADCMP563BRQ Datasheet HTML 7Page - Analog Devices ADCMP563BRQ Datasheet HTML 8Page - Analog Devices ADCMP563BRQ Datasheet HTML 9Page - Analog Devices ADCMP563BRQ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADCMP563/ADCMP564
Rev. B | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADCMP563
BRQ
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
–INA
+INA
QA
QA
GND
VEE
LEA
LEA
–INB
+INB
QB
QB
GND
VCC
LEB
LEB
Figure 5. ADCMP563 16-Lead QSOP
Pin Configuration
ADCMP564
BRQ
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
–INA
QA
QA
GND
VEE
LEA
LEA
GND
+INA
HYSA
–INB
QB
QB
GND
VCC
LEB
LEB
GND
+INB
HYSB
Figure 6. ADCMP564 20-Lead QSOP
Pin Configuration
ADCMP563
BCP
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
–INA +INA +INB –INB
QA
QA
QB
QB
LEA
LEA
VCC
VEE
GND
LEB
LEB
PIN1
Figure 7. ADCMP563 16-Lead LFCSP
Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
ADCMP563
16-Lead
QSOP
ADCMP563
16-Lead
LFCSP
ADCMP564
20-Lead
QSOP
Mnemonic
Function
1
GND
Analog Ground.
1
15
2
QA
One of Two Complementary Outputs for Channel A. QA is logic high if the
analog voltage at the noninverting input is greater than the analog voltage
at the inverting input (provided the comparator is in compare mode). See
the description of the LEA pin for more information.
2
16
3
QA
One of Two Complementary Outputs for Channel A. QA is logic low if the
analog voltage at the noninverting input is greater than the analog voltage
at the inverting input (provided the comparator is in compare mode). See
the description of the LEA pin for more information.
3
1
4
GND
Analog Ground.
4
2
5
LEA
One of Two Complementary Inputs for Channel A Latch Enable. In compare
mode (logic high), the output tracks change at the input of the comparator.
In latch mode (logic low), the output reflects the input state just prior to the
comparator being placed in the latch mode. LEA must be driven in
conjunction with LEA. If left unconnected, the comparator defaults to
compare mode.
5
3
6
LEA
One of Two Complementary Inputs for Channel A Latch Enable. In compare
mode (logic low), the output tracks change at the input of the comparator.
In latch mode (logic high), the output reflects the input state just prior to the
comparator being placed in the latch mode. LEA must be driven in
conjunction with LEA. If left unconnected, the comparator defaults to
compare mode.
6
4
7
VEE
Negative Supply Terminal.
7
5
8
−INA
Inverting Analog Input of the Differential Input Stage for Channel A. The
Inverting A input must be driven in conjunction with the Noninverting A input.
8
6
9
+INA
Noninverting Analog Input of the Differential Input Stage for Channel A. The
Noninverting A input must be driven in conjunction with the Inverting A input.
10
HYSA
Programmable Hysteresis Input.
11
HYSB
Programmable Hysteresis Input.
9
7
12
+INB
Noninverting Analog Input of the Differential Input Stage for Channel B. The
Noninverting B input must be driven in conjunction with the Inverting B input.
10
8
13
−INB
Inverting Analog Input of the Differential Input Stage for Channel B. The
Inverting B input must be driven in conjunction with the Noninverting B input.
11
9
14
VCC
Positive Supply Terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com