Electronic Components Datasheet Search
  English  ▼

X  

AD8671 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8671
Description  Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8671 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8671 Datasheet HTML 8Page - Analog Devices AD8671 Datasheet HTML 9Page - Analog Devices AD8671 Datasheet HTML 10Page - Analog Devices AD8671 Datasheet HTML 11Page - Analog Devices AD8671 Datasheet HTML 12Page - Analog Devices AD8671 Datasheet HTML 13Page - Analog Devices AD8671 Datasheet HTML 14Page - Analog Devices AD8671 Datasheet HTML 15Page - Analog Devices AD8671 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8671/AD8672/AD8674
Rev. C | Page 13 of 16
AD8671
BAND-PASS FILTER
LOW NOISE OP AMP
MIXER
DEMODULATOR
LOW-PASS FILTER
VGA
ADC
AD10200
AD831
AD8671
AD630
AD8610
AD8369
CODE GENERATOR
Figure 39. Simplified Block Diagram of a GPS Receiver
GPS RECEIVER
GPS receivers require low noise to minimize RF effects. The
precision of the AD8671 makes it an excellent choice for such
applications. Its very low noise and wide bandwidth make it
suitable for band-pass and low-pass filters without the penalty
of high power consumption.
Figure 39 shows a simplified block diagram of a GPS receiver.
The next section details the design equations.
BAND-PASS FILTER
Filters are useful in many applications; for example, band-pass
filters are used in GPS systems, as discussed in the previous
section. Figure 40 shows a second-order band-pass KRC filter.
18k
Ω
10k
Ω
2.25k
Ω
R3
RB
RA
VCC
VEE
2.25k
Ω
R2
2.25k
Ω
R1
1nF
C2
VIN
1nF
C2
Figure 40. Band-Pass KRC Filter
The equal component topology yields a center frequency
RC
fo
π
=
2
2
and
K
Q
−
=
4
2
where:
A
B
R
R
K
+
=1
The band-pass response is shown in Figure 41.
Hz
100k
1k
100
10k
1M
10M
VS = ±15V
Figure 41. Band-Pass Response
PLL SYNTHESIZERS AND LOOP FILTERS
Phase-lock loop filters are used in AM/FM modulation.
Loop filters in PLL design require accuracy and care in their
implementation. The AD8671/AD8672/AD8674 are ideal
candidates for such filter design; the low offset voltage and low
input bias current minimize the output error. In addition to the
excellent dc specifications, the AD8671/AD8672/AD8674 have
a unique performance at high frequencies; the high open-loop
gain and wide bandwidth allow the user to design a filter with a
high closed-loop gain if desirable. To optimize the filter design,
it is recommended to use small value resistors to minimize the
thermal noise. A simple example is shown in Figure 42.
10k
Ω
R1
VCC
VEE
1nF
VCO
C1
CHARGE
PUMP
PHASE
DETECTOR
IN
D
Figure 42. PLL Filter Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com