Electronic Components Datasheet Search
  English  ▼

X  

ADC12081 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12081
Description  12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12081 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC12081 Datasheet HTML 9Page - National Semiconductor (TI) ADC12081 Datasheet HTML 10Page - National Semiconductor (TI) ADC12081 Datasheet HTML 11Page - National Semiconductor (TI) ADC12081 Datasheet HTML 12Page - National Semiconductor (TI) ADC12081 Datasheet HTML 13Page - National Semiconductor (TI) ADC12081 Datasheet HTML 14Page - National Semiconductor (TI) ADC12081 Datasheet HTML 15Page - National Semiconductor (TI) ADC12081 Datasheet HTML 16Page - National Semiconductor (TI) ADC12081 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Applications Information (Continued)
2.2 CAL
The level sensitive CAL input must be pulsed high for at least
three clock cycles to begin ADC calibration. For best perfor-
mance, calibration should be performed about ten seconds
after power up, after resetting the ADC, and after the tem-
perature has changed by more than 50˚C since the last
calibration was performed.
Calibration should be performed at the same clock fre-
quency that the ADC12081 will be used for conversions to
minimize offset errors. Calibration takes 4000 clock cycles.
Irrelevant data may appear during CAL.
2.3 OE Pin
The OE pin is used to control the state of the outputs. When
the OE pin is low, the output buffers go into the active state.
When the OE input is high, the output buffers are in the high
impedance state.
2.4 PD Pin
The PD pin, when high, holds the ADC12081 in a power-
down mode where power consumption is typically less than
15 mW to conserve power when the converter is not being
used. The ADC12081 will begin normal operation within t
PD
after this pin is brought low, provided a valid CLOCK input is
present. The data in the pipeline is corrupted while in the
power down mode. The ADC12081 should be re-calibrated
after a power-down cycle to ensure optimum performance.
3.0 OUTPUTS
The ADC12081 has three analog outputs: reference output
voltages V
RN,VRM , and VRP. There are 14 digital outputs:
12 Data Output pins, Ready and OR (Out of range).
3.1 Reference Output Voltages
The reference output voltages are made available only for
the purpose of bypassing with capacitors to a clean analog
ground. The recommended bypass capacitors are 0.1µF
ceramic chip capacitors. Do not load these pins.
3.2 Ready Output
The Ready output goes high to indicate that the converter is
ready for operation. This signal will go low when the con-
verter is Calibration or Power Down made.
3.3 OR (Out of Range) Output
The OR output goes high when the analog input is below
GND or above V
REF. This output is low when the input signal
is in the valid range of operation (0V
≤ V
IN
≤ V
REF).
3.4 Data Outputs
The Data Outputs are TTL/CMOS compatible. The output
data format is 12 bits straight binary.
Minimizing the digital output currents will help to minimize
noise due to output switching. This can be done by connect-
ing buffers between the ADC outputs and any other circuitry.
Only one buffer input should be connected to each output.
Additionally, inserting series resistors of 47 to 56 Ohms right
at the digital outputs, close to the ADC pins, will isolate the
outputs from other circuitry and limit output currents.
4.0 POWER SUPPLY CONSIDERATIONS
Each power pin should be bypassed with a parallel combi-
nation of a 10µF capacitor and a 0.1µF ceramic chip capaci-
tor. The chip capacitors should be within 1/2 centimeter of
the power pins. Leadless chip capacitors are preferred be-
cause they provide low lead inductance.
The converter’s digital logic supply (V
D) should be well iso-
lated from the supply that is used for other digital circuitry on
the board. A common power supply should be used for both
V
A (analog supply) and VD (digital supply), and each of these
supply pins should be separately bypassed with a 0.1µF
ceramic capacitor and a low ESR 10µF electrolytic capacitor.
A ferrite bead or inductor should be used between V
A and VD
to prevent noise coupling from the digital supply into the
analog circuit.
V
D I/O is the power pin for the output driver. This pin may be
supplied with a potential between 2.7V and V
D. This makes
it easy to interface the ADC12081 with 3V or 5V logic fami-
lies. Powering the V
D I/O from 3 Volts will also reduce power
consumption and noise generation due to output switching.
DO NOT operate the V
D I/O at a voltage higher than VD or
V
A! All power supplies connected to the device should be
applied simultaneously.
As is the case with all high speed converters, the ADC12081
is sensitive to power supply noise. Accordingly, the noise on
the analog supply pin should be minimized, keeping it below
100mV P-P.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com