| Electronic Components Datasheet Search |
|
ADC12130CIWM Datasheet(PDF) 27 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
ADC12130CIWM Datasheet(HTML) 27 Page - National Semiconductor (TI) |
|
27 / 42 page ![]() Format and Set-Up Tables (Continued) TABLE 3. ADC12130 and ADC12132* Multiplexer Addressing MUX Address Analog Channel Addressed and Assignment with A/DIN1 tied to MUXOUT1 and A/DIN2 tied to MUXOUT2 A/D Input Polarity Assignment Multiplexer Output Channel Assignment Mode DI0 DI1 CH0 CH1 COM A/DIN1 A/DIN2 MUXOUT1 MUXOUT2 L L + − + − CH0 CH1 Differential L H − + − + CH0 CH1 H L + − + − CH0 COM Single-Ended H H + − + − CH1 COM Note: ADC12130 do not have A/DIN1, A/DIN2, MUXOUT1 and MUXOUT2 pins. * ADC12132 is obsolete; shown for reference only. TABLE 4. Mode Programming ADC12138 DI0 DI1 DI2 DI3 DI4 DI5 DI6 DI7 Mode Selected (Current) DO Format (next Conversion Cycle) ADC12130 and ADC12132 * DI0 DI1 DI2 DI3 DI4 DI5 See Table 2 or Table 3 L L L L 12 Bit Conversion 12 or 13 Bit MSB First See Table 2 or Table 3 L L L H 12 Bit Conversion 16 or 17 Bit MSB First See Table 2 or Table 3 L H L L 12 Bit Conversion 12 or 13 Bit LSB First See Table 2 or Table 3 L H L H 12 Bit Conversion 16 or 17 Bit LSB First LLLL H L L L Auto Cal No Change LLLL H L L H Auto Zero No Change LLLL H L H L Power Up No Change LLLL H L H H Power Down No Change LLLL H H L L Read Status Register No Change LLLL H H L H Data Out without Sign No Change H L L L H H L H Data Out with Sign No Change LLLL H H H L Acquisition Time — 6 CCLK Cycles No Change L H L L H H H L Acquisition Time — 10 CCLK Cycles No Change H L L L H H H L Acquisition Time — 18 CCLK Cycles No Change H H L L H H H L Acquisition Time — 34 CCLK Cycles No Change LLLL H H H H User Mode No Change H XXX H H H H Test Mode (CH1–CH7 become Active Outputs) No Change Note: The A/D powers up with no Auto Cal, no Auto Zero, 10 CCLK acquisition time, 12-bit + sign conversion, power up, 12- or 13-bit MSB First, and user mode. X = Don’t Care * ADC12132 is obsolete; shown for reference only. TABLE 5. Conversion/Read Data Only Mode Programming CS CONV PD Mode L L L See Table 4 for Mode L H L Read Only (Previous DO Format). No Conversion. H X L Idle X X H Power Down X = Don’t Care www.national.com 27 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |