Electronic Components Datasheet Search
  English  ▼

X  

OP162 Datasheet(PDF) 20 Page - Analog Devices

Part # OP162
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP162 Datasheet(HTML) 20 Page - Analog Devices

Back Button OP162 Datasheet HTML 12Page - Analog Devices OP162 Datasheet HTML 13Page - Analog Devices OP162 Datasheet HTML 14Page - Analog Devices OP162 Datasheet HTML 15Page - Analog Devices OP162 Datasheet HTML 16Page - Analog Devices OP162 Datasheet HTML 17Page - Analog Devices OP162 Datasheet HTML 18Page - Analog Devices OP162 Datasheet HTML 19Page - Analog Devices OP162 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
OP162/OP262/OP462
Rev. F | Page 20 of 20
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
OP162GS
−40°C to +125°C
8-Lead SOIC
S-Suffix (R-8)
OP162GS-REEL
−40°C to +125°C
8-Lead SOIC
S-Suffix (R-8)
OP162GS-REEL7
−40°C to +125°C
8-Lead SOIC
S-Suffix (R-8)
OP162GSZ1
−40°C to +125°C
8-Lead SOIC
S-Suffix (R-8)
OP162GSZ-REEL1
−40°C to +125°C
8-Lead SOIC
S-Suffix (R-8)
OP162GSZ-REEL71
−40°C to +125°C
8-Lead SOIC
S-Suffix (R-8)
OP162DRU-REEL
−40°C to +125°C
8-Lead TSSOP
RU-8
OP162DRUZ-REEL1
−40°C to +125°C
8-Lead TSSOP
RU-8
OP162HRU-REEL
−40°C to +125°C
8-Lead TSSOP
RU-8
OP162HRUZ-REEL1
−40°C to +125°C
8-Lead TSSOP
RU-8
OP162DRM-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
AND
OP162DRMZ-REEL1
−40°C to +125°C
8-Lead MSOP
RM-8
AOJ
OP262DRU-REEL
−40°C to +125°C
8-Lead TSSOP
RU-8
OP262DRUZ-REEL1
−40°C to +125°C
8-Lead TSSOP
RU-8
OP262GS
−40°C to +125°C
8-Lead SOIC
S-Suffix (R-8)
OP262GS-REEL
−40°C to +125°C
8-Lead SOIC
S-Suffix (R-8)
OP262GS-REEL7
−40°C to +125°C
8-Lead SOIC
S-Suffix (R-8)
OP262GSZ1
−40°C to +125°C
8-Lead SOIC
S-Suffix (R-8)
OP262GSZ-REEL1
−40°C to +125°C
8-Lead SOIC
S-Suffix (R-8)
OP262GSZ-REEL71
−40°C to +125°C
8-Lead SOIC
S-Suffix (R-8)
OP262HRU-REEL
−40°C to +125°C
8-Lead TSSOP
RU-8
OP262HRUZ-REEL1
−40°C to +125°C
8-Lead TSSOP
RU-8
OP462DRU-REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
OP462DRUZ-REEL1
−40°C to +125°C
14-Lead TSSOP
RU-14
OP462DS
−40°C to +125°C
14-Lead SOIC
S-Suffix (R-14)
OP462DS-REEL
−40°C to +125°C
14-Lead SOIC
S-Suffix (R-14)
OP462DS-REEL7
−40°C to +125°C
14-Lead SOIC
S-Suffix (R-14)
OP462DSZ1
−40°C to +125°C
14-Lead SOIC
S-Suffix (R-14)
OP462DSZ-REEL1
−40°C to +125°C
14-Lead SOIC
S-Suffix (R-14)
OP462DSZ-REEL71
−40°C to +125°C
14-Lead SOIC
S-Suffix (R-14)
OP462GS
−40°C to +125°C
14-Lead SOIC
S-Suffix (R-14)
OP462GS-REEL
−40°C to +125°C
14-Lead SOIC
S-Suffix (R-14)
OP462GS-REEL7
−40°C to +125°C
14-Lead SOIC
S-Suffix (R-14)
OP462GSZ1
−40°C to +125°C
14-Lead SOIC
S-Suffix (R-14)
OP462GSZ-REEL1
−40°C to +125°C
14-Lead SOIC
S-Suffix (R-14)
OP462GSZ-REEL71
−40°C to +125°C
14-Lead SOIC
S-Suffix (R-14)
OP462HRU-REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
OP462HRUZ-REEL1
−40°C to +125°C
14-Lead TSSOP
RU-14
1 Z = Pb-free part.
© 2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C00288–0–1/05(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com