Electronic Components Datasheet Search
  English  ▼

X  

OP262 Datasheet(PDF) 9 Page - Analog Devices

Part # OP262
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP262 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP262 Datasheet HTML 5Page - Analog Devices OP262 Datasheet HTML 6Page - Analog Devices OP262 Datasheet HTML 7Page - Analog Devices OP262 Datasheet HTML 8Page - Analog Devices OP262 Datasheet HTML 9Page - Analog Devices OP262 Datasheet HTML 10Page - Analog Devices OP262 Datasheet HTML 11Page - Analog Devices OP262 Datasheet HTML 12Page - Analog Devices OP262 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
OP162/OP262/OP462
Rev. F | Page 9 of 20
FREQUENCY (Hz)
50
40
30
20
10
0
–10
–20
–30
45
90
135
180
225
270
100k
1M
10M
100M
VS = 5V
TA = 25°C
GAIN
PHASE
Figure 19. Open-Loop Gain and Phase vs. Frequency (No Load)
FREQUENCY (Hz)
60
40
20
0
–20
–30
10k
100k
1M
10M
100M
VS = 5V
TA = 25°C
RL = 830Ω
CL = 5pF
Figure 20. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
5
4
3
2
1
0
10k
100k
1M
10M
VS = 5V
AVCL = 1
RL = 10kΩ
CL = 15pF
TA = 25°C
DISTORTION<1%
Figure 21. Maximum Output Swing vs. Frequency
SETTLING TIME (nS)
3
1
–1
–3
2
4
0
–2
–4
0
200
400
600
800
1000
0.01%
0.1%
0.01%
0.1%
VS = 5V
TA = 25°C
Figure 22. Step Size vs. Settling Time
CAPACITANCE (pF)
60
40
50
30
20
10
0
10
100
1000
VS = 5V
TA = 25°C
TA = ±50mV
RL = 10kΩ
+OS
–OS
Figure 23. Small-Signal Overshoot vs. Capacitance
FREQUENCY (Hz)
70
60
50
40
30
10
20
0
1
10
100
1k
VS = 5V
TA = 25°C
Figure 24. Voltage Noise Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com