Electronic Components Datasheet Search
  English  ▼

X  

ADC12130 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12130
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12130 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC12130 Datasheet HTML 4Page - National Semiconductor (TI) ADC12130 Datasheet HTML 5Page - National Semiconductor (TI) ADC12130 Datasheet HTML 6Page - National Semiconductor (TI) ADC12130 Datasheet HTML 7Page - National Semiconductor (TI) ADC12130 Datasheet HTML 8Page - National Semiconductor (TI) ADC12130 Datasheet HTML 9Page - National Semiconductor (TI) ADC12130 Datasheet HTML 10Page - National Semiconductor (TI) ADC12130 Datasheet HTML 11Page - National Semiconductor (TI) ADC12130 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
AC Electrical Characteristics
The following specifications apply for (V
+ =V
A+=VD+ = +5V, VREF+ = +4.096V, and fully-differential input with fixed 2.048V
common-mode voltage) or (V
+ =V
A+=VD+ = +3.3V, VREF+ = +2.5V and fully-differential input with fixed 1.250V common-
mode voltage), V
REF− = 0V, 12-bit + sign conversion mode, source impedance for analog inputs, VREF− and VREF+
≤ 25Ω,f
CK
=f
SK = 5 MHz, and 10 (tCK) acquisition time unless otherwise specified. Boldface limits apply for TA =TJ =TMIN to TMAX; all
other limits T
A =TJ = 25˚C. (Note 17)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits (Note 11)
Units (Limits)
f
CK
Conversion Clock (CCLK) Frequency
10
1
5
MHz (max)
MHz (min)
f
SK
Serial Data Clock SCLK Frequency
10
0
5
MHz (max)
Hz (min)
Conversion Clock Duty Cycle
40
60
% (min)
% (max)
Serial Data Clock Duty Cycle
40
60
% (min)
% (max)
t
C
Conversion Time
12-Bit + Sign or 12-Bit
44(t
CK)
44(t
CK)
(max)
8.8
µs (max)
t
A
Acquisition Time (Note 19)
6 Cycles Programmed
6(t
CK)
6(t
CK)
(min)
7(t
CK)
(max)
1.2
µs (min)
1.4
µs (max)
10 Cycles Programmed
10(t
CK)
10(t
CK)
(min)
11(t
CK)
(max)
2.0
µs (min)
2.2
µs (max)
18 Cycles Programmed
18(t
CK)
18(t
CK)
(min)
19(t
CK)
(max)
3.6
µs (min)
3.8
µs (max)
34 Cycles Programmed
34(t
CK)
34(t
CK)
(min)
35(t
CK)
(max)
6.8
µs (min)
7.0
µs (max)
t
CAL
Self-Calibration Time
4944(t
CK)
4944(t
CK)
(max)
988.8
µs (max)
t
AZ
Auto-Zero Time
76(t
CK)
76(t
CK)
(max)
15.2
µs (max)
t
SYNC
Self-Calibration or Auto-Zero
Synchronization Time from DOR
2(t
CK)
2(t
CK)
(min)
3(t
CK)
(max)
0.40
µs (min)
0.60
µs (max)
t
DOR
DOR High Time when CS is Low
Continuously for Read Data and
Software Power Up/Down
9(t
SK)
9(t
SK)
(max)
1.8
µs (max)
t
CONV
CONV Valid Data Time
8(t
SK)
8(t
SK)
(max)
1.6
µs (max)
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com