Electronic Components Datasheet Search
  English  ▼

X  

8198546 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8198546
Description  Solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8198546 Datasheet(HTML) 1 Page - Festo Corporation.

  8198546 Datasheet HTML 1Page - Festo Corporation. 8198546 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solenoid valve
VSVA-B-P53C-ZD-D1-F8
Part number: 8198546
General operating condition
Data sheet
Feature
Value
Valve function
5/3, closed
Actuation type
Electrical
Width
42 mm
Nominal flow rate standardized according to ISO 8778
1800 l/min
Pneumatic working port
Sub-base, size 1 according to ISO 5599-1
Operating pressure
-0.09 MPa ... 1.6 MPa
Operating pressure
-0.9 bar ... 16 bar
Structural design
Piston gate valve
Reset method
Mechanical spring
Degree of protection
IP65
NEMA 4
Nominal width
8 mm
Width dimension
43 mm
Exhaust air function
Via individual sub-base
Sealing principle
Soft
Mounting position
Any
Conforms to standard
ISO 5599-1
Manual override
Detenting
Type of control
Pilot-controlled
Pilot air supply port
External
Flow direction
Reversible
Symbol
00995477
Lap
Overlap
Pilot pressure MPa
0.3 MPa ... 1 MPa
Pilot pressure
3 bar ... 10 bar
Suitability for vacuum
yes
b-value
0.14
C value
7.482 l/sbar
Flow rate of pneumatic valve
1600 l/min
Flow rate of pneumatic valve on individual sub-base
1400 l/min
Optimized flow rate of pneumatic valve, pneumatically concatenated
flow
1500 l/min
Optimized flow rate of pneumatic valve pneumatically concatenated flow 1300 l/min
Max. switching frequency
5 Hz
Switching time off
55 ms
On switching time
18 ms
1/12/26 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8198546

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8198540 FESTO-8198540 Datasheet
83Kb / 2P
Solenoid valve
8198541 FESTO-8198541 Datasheet
83Kb / 2P
Solenoid valve
8198542 FESTO-8198542 Datasheet
88Kb / 2P
Solenoid valve
8198543 FESTO-8198543 Datasheet
87Kb / 2P
Solenoid valve
8198544 FESTO-8198544 Datasheet
90Kb / 2P
Solenoid valve
More results

Similar Description - 8198546

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VYKA-F7-M32-12-D2-PV-5YQ7 FESTO-VYKA-F7-M32-12-D2-PV-5YQ7 Datasheet
89Kb / 2P
Solenoid valve
8114698 FESTO-8114698 Datasheet
76Kb / 2P
Solenoid valve
8114684 FESTO-8114684 Datasheet
77Kb / 2P
Solenoid valve
8122783 FESTO-8122783 Datasheet
99Kb / 2P
Solenoid valve
8114566 FESTO-8114566 Datasheet
86Kb / 2P
Solenoid valve
4/5/22
8141528 FESTO-8141528 Datasheet
97Kb / 2P
Solenoid valve
6/26/22
8141532 FESTO-8141532 Datasheet
92Kb / 2P
Solenoid valve
6/26/22
8141534 FESTO-8141534 Datasheet
92Kb / 2P
Solenoid valve
6/26/22
8150397 FESTO-8150397 Datasheet
94Kb / 2P
Solenoid valve
6/26/22
8150460 FESTO-8150460 Datasheet
98Kb / 2P
Solenoid valve
6/26/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com