| Electronic Components Datasheet Search |
|
MY2N Datasheet(PDF) 3 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
MY2N Datasheet(HTML) 3 Page - Omron Electronics LLC |
|
3 / 36 page ![]() MY(S) 3 Miniature Power Relays: MY2(S)/MY4(S)/MY4Z(S) Specifications Contact Ratings Note: Don’t exceed the carry current of a Socket in use. Please see page 23. Characteristics Note: The values given above are initial values. Endurance Characteristics Item DPDT 4PDT 4PDT (bifurcated) Resistive load (cos φ = 1) Inductive load (cos φ = 0.4, L/R = 7 ms) Resistive load (cos φ = 1) Inductive load (cos φ = 0.4, L/R = 7 ms) Resistive load (cos φ = 1) Inductive load (cos φ = 0.4, L/R = 7 ms) Rated load 5A, 250 VAC 5A, 30 VDC 2A, 250 VAC 2 A, 30 VDC 3 A, 250 VAC 3 A, 30 VDC 0.8 A, 250 VAC 1.5 A, 30 VDC 3 A, 250 VAC 3 A, 30 VDC 0.8 A, 250 VAC 1.5 A, 30 VDC Carry current 10 A (see note) 5 A (see note) Max. switching voltage 250 VAC 125 VDC Max. switching current 10 A 5 A Contact materials Ag Au cladding + Ag alloy Failure rate (reference value) 5 VDC, 1 mA 1 VDC, 1 mA 1 VDC, 100 μA Item All Relays Contact resistance 100 m Ω max. (50 mΩ: 4PDT bifurcated) Operate time 20 ms max. Release time 20 ms max. Max. operating frequency Mechanical:18,000 operations/hr Electrical:1,800 operations/hr (under rated load) Insulation resistance 100 M Ω min. (at 500 VDC) Dielectric strength 2,000 VAC, 50/60 Hz for 1.0 min (1,000 VAC between contacts of same polarity) Vibration resistance Destruction:10 to 55 to 10 Hz, 0.5 mm single amplitude (1.0 mm double amplitude) Malfunction:10 to 55 to 10 Hz, 0.5 mm single amplitude (1.0 mm double amplitude) Shock resistance Destruction:1,000 m/s2 Malfunction:200 m/s2 Endurance See the following table. Ambient temperature Operating: –55 to 70 °C (with no icing) Ambient humidity Operating: 5 to 85% RH Weight Approx. 35 g Contact form Mechanical life (at 18,000 operations/hr) Electrical life (at 1,800 operations/hr under rated load) DPDT AC:50,000,000 operations min. DC:100,000,000 operations min. 500,000 operations min. 4PDT 200,000 operations min. 4PDT (bifurcated) 20,000,000 operations min. 100,000 operations min. Refer to the standards certifications and compliance section of your OMRON website for the latest information on certified models. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |