Electronic Components Datasheet Search
  English  ▼

X  

VSC-IR32 Datasheet(PDF) 2 Page - Teledyne FLIR LLC

Part # VSC-IR32
Description  THERMAL VIDEOSCOPE KITS WITH SPECIALTY PROBE OPTIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLIR [Teledyne FLIR LLC]
Direct Link  https://www.flir.eu/
Logo FLIR - Teledyne FLIR LLC

VSC-IR32 Datasheet(HTML) 2 Page - Teledyne FLIR LLC

  VSC-IR32 Datasheet HTML 1Page - Teledyne FLIR LLC VSC-IR32 Datasheet HTML 2Page - Teledyne FLIR LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Imaging and optical data
IR resolution
160 × 120 pixels
Digital image enhancement
Yes, MSX® on VSC-IR32 and VSC-IR33 probes only
Thermal sensitivity/NETD
<100 mK
IR Field of view (FOV)
57° × 44°
Minimum focus distance
0.15 m
Minimum focus distance
with MSX
0.65 m (VSC-IR32 and VSC-IR33 only)
Image frequency
8.7 Hz
Focus
Fixed
Focal plane array/spectral range Uncooled microbolometer/7.5–14 µm
Detector pitch
12 µm
Image presentation
Display resolution
320 × 240 pixels
Screen size
3.5 in
Color palettes
Iron, Rainbow, Gray, Below alarm, Above alarm
Image modes
IR only, visual only, MSX (visual only and MSX available on
VSC-IR32 and VSC-IR33 probes)
Gallery
Yes
Measurement and analysis
Object temperature range
-10 to 400°C (14 to 752°F)
Measurement accuracy
At ambient temp. 15 to 35°C (59 to 95°F) and object temp.
above 0°C (32°F)
0 to 100°C (32 to 212°F): ±3°C (±5.5°F)
100 to 400°C (212 to 752°F): ±3%
Spotmeter
1 in live mode
Emissivity correction
3 preset and 1 custom emissivity setting
Image storage and visual camera
Storage capacity
Removable SD card (16 GB) - about 80,000 images
Image file format
Radiometric JPEG
Visual camera resolution
2 MP on VSC-IR32 and VSC-IR33 probes only
Visual camera field of view (FOV)
83° on VSC-IR32 and VSC-IR33 probes only
Worklight
Bright LED on VSC-IR32 and VSC-IR33 only
Data communication interface
USB
USB Type-C: data transfer/power
For more information, visit:
www.flir.com/VS290
Specifications are subject to change without notice. For the most up-to-date specifications,
visit www.teledyneflir.com.
SPECIFICATIONS
www.teledyneflir.com
Imagery for illustration purposes only. Equipment described herein is subject to US
export regulations and may require a license prior to export. Diversion contrary to
US law is prohibited. ©2021 Teledyne FLIR LLC, Inc. All rights reserved. 11/2021
Additional data
Battery type
Rechargeable 3.7 V Li-ion
Battery operating time
>5 hours (full LCD brightness and worklight on)
Probe length (including tip)
VSC-IR21 Probe only: 111.5 cm (43.9 in)
VSC-IR32 Probe only: 212.2 cm (83.5 in)
VSC-IR33 Probe only: 211.9 cm (83.5 in)
Probe tip shape – forward view
Probe tip shape – side view
Probe tip shape – side view
VSC-IR21 – round 19 mm diameter
VSC-IR32 – rectangular 11 mm (thinnest dimension)
VSC-IR33 – round 19 mm diameter
Weight of kits (including two
batteries)
Complete VS290-21 kit with case: 4.8 kg (10.58 lb)
Complete VS290-32 and VS290-33 kit with case: 13.0 kg
(26.46 lb)
Weight of individual
components
Videoscope Display Only: 640 g (1.41 lb)
VSC-IR21 Probe Only: 490 g (1.08 lb)
VSC-IR32 Probe Only: 470 g (1.04 lb)
VSC-IR33 Probe Only: 470 g(1.04 lb)
Size of kits and videoscope
(L × W × H)
Complete VS290-21 kit with case:
53 × 33 × 16.5 cm (20.87 × 12.99 × 6.5 in)
Complete VS290-32 and VS290-33 kit with case:
118 × 45 × 16 cm (46.46 × 17.72 × 6.3 in)
Videoscope display only: 26.4 × 11 × 11 cm (10.4 × 4.3 × 4.3 in)
Box contents
Kits include videoscope display, thermal camera probe, two rechargeable batteries, battery
charger, SD card, USB cable, wrist strap, hard case, printed documents
USA
27700 SW Parkway Ave.
Wilsonville, OR 97070
Office: +1 877.773.3547
SWEDEN
Antennvägen 6
187 66 Täby
Tel. : +46 (0)8 753 25 00
Complete Kits
VS290-21
Thermal Videoscope Kit with 19 mm Diameter Round Tip Forward
View Camera Probe
VS290-32
Thermal MSX® Videoscope Kit with CAT IV 11 mm Rectangular Tip
Side View Camera Probe
VS290-33
Thermal MSX® Videoscope Kit with CAT IV 19 mm Diameter
Round Tip Side View Camera Probe
Individual Components -- available as extra probes and/or spare videoscope displays
VSC-IR21
Thermal Camera Probe with 19 mm Diameter Round Tip
(Forward View)
VSC-IR32
Thermal MSX® Camera Probe with 11 mm Rectangular Tip (Side View)
VSC-IR33
Thermal MSX® Camera Probe with 19 mm Diameter Round Tip
(Side View)
VS290-00
Videoscope Display for VS290 Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com