Electronic Components Datasheet Search
  English  ▼

X  

L6181 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6181
Description  OCTAL LINE RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6181 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6181 Datasheet HTML 2Page - STMicroelectronics L6181 Datasheet HTML 3Page - STMicroelectronics L6181 Datasheet HTML 4Page - STMicroelectronics L6181 Datasheet HTML 5Page - STMicroelectronics L6181 Datasheet HTML 6Page - STMicroelectronics L6181 Datasheet HTML 7Page - STMicroelectronics L6181 Datasheet HTML 8Page - STMicroelectronics L6181 Datasheet HTML 9Page - STMicroelectronics L6181 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
INPUT BALANCE MEASUREMENT
The balance of the receiver input voltage-current
characteristics and bias voltages shall be such
that the receiver will remain in the intended binary
state when a differential voltage Vi of 400mV is
applied through 500
Ω ±1% to each input terminal,
as shown above, and Vcm is varied between -7
and +7V.
When the polarity of Vi is reversed, the opposite
binary state shall be maintained under the same
conditions. Maintain input balance with input B
common with another receiver.
The voltage input (VIN) rejection is checked at the
center point between the High Operating Thresh-
old (Vth2) and the Low OperatingThreshold (Vth1)
Figure 7: Receiver input Balance Measurement
Figure 8: High Frequency Signal Rejection
L6180 - L6181
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com