Electronic Components Datasheet Search
  English  ▼

X  

H300N6HT Datasheet(PDF) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # H300N6HT
Description  H300N6HT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

H300N6HT Datasheet(HTML) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  H300N6HT Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. H300N6HT Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. H300N6HT Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. H300N6HT Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. H300N6HT Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.hxkj.hk
+86-769-22857832
huixin@hxkj.hk
Rev.01
Page 3 of 5
Electrical Characteristics Diagrams
Fig.4 Typical Gate-Charge
(
)
Gate-Charge-Q
nC
g
0
120
20
2
40
4
6
8
10
12
V =30V
DS
I =100A
D
0
60
80
100
140
2
Fig.1 Typ. output characteristics
0
( )
Drain-Source Voltage-V
V
D S
0
4
6
8
T =25
°C
J
5
VGS=5.5V
0
6V
10
10V
0
150
250
20
VGS=5V
0
Fig.5 Drain-source on-state resistanc
VGS=4.5V
e
(
)
Junction Temperature-T
°C
J
-25
75
125
175
150
100
50
25
0
-50
V =10V
G S
I =50A
D
1.2
3.6
0.6
1.8
2.4
3.0
Fig.6 Drain-source on-state resistance
( )
Drain current-I
A
D
480
420
180
0
1.0
300
5.0
2.0
3.0
4.0
V =10V
G S
V =6.5V
G S
V =5.5V
G S
V =6V
G S
Fig.2 Typcal transfer characteristics
( )
Gate-Source Voltage-V
V
G S
2
4
6
8
10
100
1000
0.1
10
0
1
V =10V
D S
T =25
°C
J
Fig.3 Typical Capacitance vs. D-S Voltage
( )
Drain-Source Voltage-V
V
D S
15
30
45
60
0
10
2
10
3
10
4
10
5
10
Coss
Ciss
Crss
V =0
G S
f =100kHz
1
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com