Electronic Components Datasheet Search
  English  ▼

X  

CMF07 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CMF07
Description  CMF Industrial Metal Film Resistors, Axial, Industrial, Precision
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMF07 Datasheet(HTML) 2 Page - Vishay Siliconix

  CMF07 Datasheet HTML 1Page - Vishay Siliconix CMF07 Datasheet HTML 2Page - Vishay Siliconix CMF07 Datasheet HTML 3Page - Vishay Siliconix CMF07 Datasheet HTML 4Page - Vishay Siliconix CMF07 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CMF Industrial
www.vishay.com
Vishay Dale
Revision: 07-May-2024
2
Document Number: 31018
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For additional information on packaging, refer to the “Through-Hole Resistor Packaging” document (www.vishay.com/doc?31544)
DIMENSIONS in millimeters
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: CMF55301R00FKEK
GLOBAL MODEL
RESISTANCE
VALUE
TOLERANCE
CODE
TEMPERATURE
COEFFICIENT
PACKAGING
(See Standard Electrical
Specifications table)
R =
Ω
K = k
Ω
M = M
Ω
R10000 = 0.1
Ω
680K00 = 680 k
Ω
1M0000 = 1.0 M
Ω
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1 %
G = ± 2 %
J = ± 5 %
E = 25 ppm
H = 50 ppm
K = 100 ppm
L = 150 ppm
N = 200 ppm
M = 300 ppm
EA = lead (Pb)-free, T/R (full)
EB = lead (Pb)-free,
ammo pack (1000 pieces)
GLOBAL MODEL
Dmax.
Lmax.
dnom.
Imin.
Mmin.
MASS
(mg)
CMF50
1.6
3.6
0.5
29
5
125
CMF55
2.5
6.5
0.6
28
10
220
CMF60
4.2
11.9
0.8
31
15
700
CMF07
2.5
6.5
0.6
28
10
220
CMF20
4.2
11.9
0.8
31
15
700
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CMF50
CMF55
CMF07
CMF60
CMF20
Maximum Working Voltage
V
≅≤ 300
≤ 250
≤ 250
≤ 500
≤ 500
Insulation Voltage (1 Min)
Veff
300
500
500
800
800
Dielectric Strength
VAC
300
450
450
750
750
Insulation Resistance
Ω≥ 1011
Operating Temperature Range
°C
-55 to +125
Terminal Strength (Pull Test)
lb
2252
5
Weight (Max.)
mg
125
220
220
700
700
TEMPERATURE COEFFICIENT CODES
GLOBAL TC CODE
TEMPERATURE COEFFICIENT
E
25 ppm/°C
H
50 ppm/°C
K
100 ppm/°C
L
150 ppm/°C
N
200 ppm/°C
M
300 ppm/°C
M
I
L
d
D
F5
1
R
0F
E
K
M
C
00
K
3
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com