Electronic Components Datasheet Search
  English  ▼

X  

210 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # 210
Description  Dividohm® Vitreous Enamel Adjustable Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

210 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  210 Datasheet HTML 1Page - Ohmite Mfg. Co. 210 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
109
Series
Wattage
Ohms
Core Code
Voltage
Standard Terminal
D12
12
1.0-10K
D
565
57
D25
25
1.0-25K
K
625
40
D50
50
1.0-100K
K
1625
40
D75
75
1.0-100K
K
2625
40
D100
100
1.0-100K
M
2845
40
D175
175
1.0-100K
P
3595
46
D225
225
1.0-100K
P
4595
46
D500
500
1.5-15K
S
4970
45
D1000
1000
3.0-27.7K
S
8900
45
Other sizes available; contact Ohmite. Also available in low cost Centohm or Silicone coating; contact Ohmite.
Adjustability
10% to 90% of full value. Wattage is proportional to this adjusted
resistance value.
Coating
Lead free vitreous enamel. Large models (500 watts and up) are
supplied in Silicone Ceramic. Also available in low-cost Centohm
coating; Consult factory.
Core
Tubular ceramic.
Terminals
Solder coated radial lug. RoHS solder composition is 96% Sn,
3.5% Ag, 0.5% Cu
Adjustable
terminal
Nickel plated steel. (Screwdriver type adjustable lug supplied
standard. Other types, including silver contact units, available.)
Derating
Linearly from 100% @ +25°C to 0% @ +350°C.
Tolerance
±10% (K)
Power rating
Based on 25°C free air rating. The stated wattage rating applies
only when the entire resistance is in the circuit. Setting the lug at
an intermediate point reduces the wattage rating by approximately
the same proportion. Example: If the lug is set at half resistance,
the wattage is reduced by approx. one-half.
Overload
10 times rated wattage for 5 seconds.
Temperature
coefficient
±260 ppm/°C
Dielectric
withstanding
voltage
1000 VAC: 12 to 100 watt rating. 3000 VAC: 175 and 225 watt rat-
ing (measured from terminal to mounting bracket)
Max. amps
To calculate, use the formula √P/R.
210 Series
Dividohm® Vitreous Enamel
Adjustable Power
Choose Ohmite’s 210 Type adjustable resistors for
applications requiring settings at different resistance
values. These wirewound resistors are equipped with
an adjustable lug, making them ideal for adjusting
circuits, obtaining odd resistance values and set-
ting equip ment to meet various line voltages. 210
Type resistors feature a hollow core to permit secure
fastening with spring-type clips or thru bolts with
washers. They also offer the durability of lead free
vitreous enamel coating and all-welded construction.
Mounting brackets not included with resistors.
Fea ture S
• Terminals suitable for soldering or bolt connection.
• Adjustable lug supplied
• High wattage applications
• All-welded construction
• Rugged lead free vitreous enamel coating.
• Flame resistant coating
• Additional adjustable lugs available
• RoHS compliant product available. Add “E” suffix to
part number to specify
characteri S tic S
S erie S SP eci F icati ONS
Power limitations for high resis-
tance values:
When resistance
exceeds the resistance values listed
below, derate the Power Rating by
25% to improve reliability:
Power Resistance
rating value
12W
4,500Ω
25W
9,000Ω
50W
20,000Ω
75W
35,000Ω
100W 50,000Ω
No power
derating neces-
sary for ratings
higher than
100W.


Similar Part No. - 210

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
210 CTS-210 Datasheet
602Kb / 2P
AUTO-DIP짰 Switch Automatically Insertable, Wave Solderable, Board Washable DIP Switch
logo
Marl International Limi...
210 MARL-210 Datasheet
290Kb / 5P
Direct replacement for T3 쩌 Midget Edison Screw E10
logo
Alpha Wire
210 ALPHAWIRE-210 Datasheet
178Kb / 2P
M8 Female 3 Pin Field Attachable
logo
Abbatron All Rights Res...
210 ABBATRON-210 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
210 KEYSTONE-210 Datasheet
527Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
More results

Similar Description - 210

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
21012D57R500JE OHMITE-21012D57R500JE Datasheet
127Kb / 1P
Dividohm짰 Vitreous Enamel Adjustable Power
L12J100E OHMITE-L12J100E Datasheet
122Kb / 1P
Vitreous Enamel Power
C300KR10E OHMITE-C300KR10E Datasheet
134Kb / 1P
Corrib Fixed and Adjustable Vitreous Enamel Power
D25K100E OHMITE-D25K100E Datasheet
130Kb / 1P
Dividohm짰 Vitreous Enamel Adjustable Power
B20J2K5 OHMITE-B20J2K5 Datasheet
181Kb / 1P
Brown Devil짰 Vitreous Enamel Power
B20J2R0 OHMITE-B20J2R0 Datasheet
181Kb / 1P
Brown Devil짰 Vitreous Enamel Power
B20J25R OHMITE-B20J25R Datasheet
181Kb / 1P
Brown Devil짰 Vitreous Enamel Power
B20J50R OHMITE-B20J50R Datasheet
181Kb / 1P
Brown Devil Vitreous Enamel Power
L100J25RE OHMITE-L100J25RE Datasheet
180Kb / 1P
Vitreous Enamel Power
EVF OHMITE-EVF Datasheet
475Kb / 2P
Vitreous Enamel Power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com