Electronic Components Datasheet Search
  English  ▼

X  

DFS-9B1 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # DFS-9B1
Description  POWER DIVIDERS 0쨘 : 6-WAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DFS-9B1 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  DFS-9B1 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ 116 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
POWER DIVIDERS
0º : 6-WAY
POWER DIVIDERS
0º : 6-WAY
SURFACE MOUNT
1-100
30/25
28/25
25/23
0.5/0.8 0.7/1.0 0.7/1.2
2.0
4.0
8.0
0.2
0.3
0.5
124SL
1
DFS-9B1
1-175
30/24
26/18
26/18
0.5/0.8 0.7/1.0 1.0/1.5
4.0
6.0
12
0.2
0.4
0.8
124SL
1
DFS-9H2
5-200
30/25
28/23
25/20
0.4/0.7 0.5/0.8 0.8/1.2
2.0
3.0
4.0
0.2
0.3
0.4
124SL
1
DFS-902
5-500
30/20
25/20
25/20
0.5/0.8 0.7/0.8 0.8/1.4
3.0
4.0
6.0
0.3
0.5
0.7
124SL
1
DFS-903
1600-2200
--/--
--/--
25/20
--/--
--/--
0.6/0.8
--
--
6.0
--
--
0.5
212
3
DFS-1600
Power Rating (All Models) = 1 Watt, max
(UB) - Denotes full bandwidth specification
For pin location and package outline drawings, see back pages.
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
#1
1
3,4,8,12,15,16
2, 5,9,13,14
#2
1
3,4,8,12,15,16
2,5,7,11,13,14
6,9,10
#3
1
2,3,4,5,6,7
All others
-
INPUT
OUTPUT
CASE GROUND
NOT USED
PIN-OUT TABLE
LB = LF to 10 LF
MB = 10 LF to HF/2
UB = HF/2 to HF
5-200
30/25
28/23
25/20
0.4/0.7 0.5/0.8 0.8/1.2
2.0
3.0
4.0
0.2
0.3
0.4
142
3
DFK-702S
5-500
26/23
30/23
25/20
0.4/0.7 0.6/0.9 1.2/1.6
2.0
4.0
7.0
0.2
0.3
0.4
142
3
DFK-703S
800-1000
---/---
---/---
30/20
---/---
---/---
1.4/1.8
--
8.0
--
0.8
180
3
DFK-764S
COAXIAL CONNECTOR
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
THROUGH HOLE MOUNT(16 -Pin)
1-100
30/25
28/25
25/23
0.5/0.8 0.7/1.0 0.7/1.2
2.0
4.0
8.0
0.2
0.3
0.5
124
2
DFP-9B1
1-175
30/24
26/18
26/18
0.5/0.8 0.7/1.0 1.0/1.5
4.0
6.0
12
0.2
0.4
0.8
124
2
DFP-9H2
5-200
30/25
28/23
25/20
0.4/0.7 0.5/0.8 0.8/1.2
2.0
3.0
4.0
0.2
0.3
0.4
124
2
DFP-902
5-500
30/20
25/20
25/20
0.5/0.8 0.7/0.8 0.8/1.4
3.0
4.0
6.0
0.3
0.5
0.7
124
2
DFP-903
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
142
180
212
124SL


Similar Part No. - DFS-9B1

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DFS-905 SYNERGY-DFS-905 Datasheet
334Kb / 4P
6-WAY POWER DIVIDER SURFACE MOUNT MODEL
More results

Similar Description - DFS-9B1

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DLP-901 SYNERGY-DLP-901 Datasheet
39Kb / 1P
POWER DIVIDERS 0쨘 : 12-WAY
DXP-9A2 SYNERGY-DXP-9A2 Datasheet
29Kb / 1P
POWER DIVIDERS 0쨘 : 10-WAY
DSS-9C1 SYNERGY-DSS-9C1 Datasheet
35Kb / 1P
POWER DIVIDERS 0쨘 : 8-WAY
DES-901 SYNERGY-DES-901 Datasheet
31Kb / 1P
POWER DIVIDERS 0쨘 : 5-WAY
SDL-140 SYNERGY-SDL-140 Datasheet
70Kb / 2P
POWER DIVIDERS 0쨘 : 4-WAY
SPD-C2 SYNERGY-SPD-C2 Datasheet
128Kb / 5P
POWER DIVIDERS 0쨘 : 2-WAY
SDL-135 SYNERGY-SDL-135 Datasheet
47Kb / 2P
POWER DIVIDERS 0쨘 : 3-WAY
logo
M/A-COM Technology Solu...
MAPDCT0027 MA-COM-MAPDCT0027 Datasheet
128Kb / 4P
2 Way 0쨘 Power Divider
MAPDCT0029 MA-COM-MAPDCT0029 Datasheet
223Kb / 3P
2 Way 0쨘 Power Divider
MAPD-010038-C209C0 MA-COM-MAPD-010038-C209C0 Datasheet
190Kb / 4P
2 Way 0쨘 Power Divider
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com