Electronic Components Datasheet Search
  English  ▼

X  

DEP-901 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # DEP-901
Description  POWER DIVIDERS 0쨘 : 5-WAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DEP-901 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  DEP-901 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ 115 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
POWER DIVIDERS
0º : 5-WAY
POWER DIVIDERS
0º : 5-WAY
0.05-30
25/20
30/25
25/20
0.5/0.9 0.3/0.7 0.6/1.0
4.0
4.0
4.0
0.3
0.3
0.3
157
3
DEK-701*
1-300
25/20
23/18
20/17
0.2/0.5 0.6/1.0 1.5/2.0
2.0
4.0
8.0
0.2
0.3
0.6
157
3
DEK-7G2*
THROUGH HOLE MOUNT(16-Pin)
0.05-30
28/20
30/25
25/20
0.4/0.8 0.3/0.7 0.6/1.0
4.0
4.0
4.0
0.3
0.3
0.3
124
2
DEP-901
1-300
25/20
23/18
20/17
0.2/0.5 0.6/1.0 1.5/2.0
2.0
4.0
8.0
0.2
0.3
0.6
124
2
DEP-9G2
SURFACE MOUNT
0.05-30
28/20
30/25
25/20
0.4/0.8 0.3/0.7 0.6/1.0
4.0
4.0
4.0
0.3
0.3
0.3
124S
1
DES-901
1-300
25/20
23/18
20/17
0.2/0.5 0.6/1.0 1.5/2.0
2.0
4.0
8.0
0.2
0.3
0.6
124S
1
DES-9G2
COAXIAL CONNECTOR
Power Rating (All Models) = 1 Watt, max
* Select female connector suffix: "B" = BNC, "S" = SMA, "N" = Type N, "T" = TNC
For pin location and package outline drawings, see back pages.
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
LB = LF to 10 LF
MB = 10 LF to HF/2
UB = HF/2 to HF
PIN-OUT TABLE
#1
1
4,8,12,15,16
2,5,13,14
3,9
#2
1
4,8,12,15,16
2,5,7,11,13,14
3,6,9,10
#3
1
2,3,4,5,6
-
-
INPUT
OUTPUT
CASE GROUND
NO CONN.


Similar Part No. - DEP-901

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
DEP1016 SUMIDA-DEP1016 Datasheet
151Kb / 1P
Power Inductor< Pin Type: DEP Series>
DEP1016NP-100PB SUMIDA-DEP1016NP-100PB Datasheet
151Kb / 1P
Power Inductor< Pin Type: DEP Series>
DEP1016NP-100PB SUMIDA-DEP1016NP-100PB Datasheet
145Kb / 2P
PIN Power Inductor
DEP1016NP-150PB SUMIDA-DEP1016NP-150PB Datasheet
151Kb / 1P
Power Inductor< Pin Type: DEP Series>
DEP1016NP-150PB SUMIDA-DEP1016NP-150PB Datasheet
145Kb / 2P
PIN Power Inductor
More results

Similar Description - DEP-901

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DLP-901 SYNERGY-DLP-901 Datasheet
39Kb / 1P
POWER DIVIDERS 0쨘 : 12-WAY
DXP-9A2 SYNERGY-DXP-9A2 Datasheet
29Kb / 1P
POWER DIVIDERS 0쨘 : 10-WAY
DSS-9C1 SYNERGY-DSS-9C1 Datasheet
35Kb / 1P
POWER DIVIDERS 0쨘 : 8-WAY
DFS-9B1 SYNERGY-DFS-9B1 Datasheet
46Kb / 1P
POWER DIVIDERS 0쨘 : 6-WAY
SDL-140 SYNERGY-SDL-140 Datasheet
70Kb / 2P
POWER DIVIDERS 0쨘 : 4-WAY
SPD-C2 SYNERGY-SPD-C2 Datasheet
128Kb / 5P
POWER DIVIDERS 0쨘 : 2-WAY
SDL-135 SYNERGY-SDL-135 Datasheet
47Kb / 2P
POWER DIVIDERS 0쨘 : 3-WAY
logo
M/A-COM Technology Solu...
MAPDCT0028 MA-COM-MAPDCT0028 Datasheet
139Kb / 3P
4 Way 0쨘 Power divider 5-1000MHz
MAPDCT0029 MA-COM-MAPDCT0029 Datasheet
223Kb / 3P
2 Way 0쨘 Power Divider 5-1000MHz
MAPDCT0033 MA-COM-MAPDCT0033 Datasheet
104Kb / 3P
2 Way 0쨘 Power Divider 5-1000MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com