Electronic Components Datasheet Search
  English  ▼

X  

14R Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 14R
Description  Inner Panels 1414, EJ, HJ and PJ Series Enclosures
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

14R Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  14R Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1/7/2021
Inner Panels (14A, 14F, 14G, 14R, & 14R-SS Series) - Hammond Mfg.
https://www.hammfg.com/electrical/products/accessories/14p
1/1
Data subject to change without notice
Inner Panels 14A, 14F, 14G, 14R, & 14R-SS Series
1414, EJ, HJ and PJ Series Enclosures
Features
Steel panels are 14 gauge steel and are finished in white.
Fiberglass panels in NEMA sizes.
Aluminum panels are 0.080 type 5052 H-32 aluminum, unpainted.
Galvanized panels are 14 gauge unpainted galvanized steel.
Stainless steel panels are 14 gauge and are brushed 304 SS.
Mounting hardware is included with the enclosure.
Steel panels and mounting hardware are included with 1414 Series enclosures.
Galvanized panels and mounting hardware are included with the EJ Series enclosures.
Mounting hardware is included with PJ Series enclosures, order panel separately.
For Use with
For Use with
Steel
Fiberglass
Aluminum
Galv. Steel
Stainless Steel
Panel
1414 and EJ
PJ Series
Part No.
Part No.
Part No.
Part No.
Part No.
L
W
H
W
H
W
14R0503
14A0503
14G0503
14R0503SS
4.88
2.88
6.00
4.00
-
-
14R0505
14F0505
14A0505
14G0505
14R0505SS
4.88
4.88
6.00
6.00
7.04
7.04
14R0705
14F0705
14A0705
14G0705
14R0705SS
6.75
4.88
8.00
6.00
8.94
7.06
14R0707
14A0707
14G0707
14R0707SS
6.75
6.88
8.00
8.00
-
-
14R0907
14F0907
14A0907
14G0907
14R0907SS
8.75
6.88
10.00
8.00
11.08
9.20
14R0909
14A0909
14G0909
14R0909SS
8.75
8.88
10.00
10.00
-
-
14R1105
14A1105
14G1105
10.75
4.88
12.00
6.00
-
-
14R1109
14F1109
14A1109
14G1109
14R1109SS
10.75
8.88
12.00
10.00
13.08
11.20
14R1111
14F1111
14A1111
14G1111
14R1111SS
10.75
10.88
12.00
12.00
-
-
14R1307
14A1307
14G1307
12.75
6.88
14.00
8.00
-
-
14R1311
14F1311
14A1311
14G1311
14R1311SS
12.75
10.88
14.00
12.00
15.08
13.20
14R1509
14A1509
14G1509
14.75
8.88
16.00
10.00
-
-
14R1513
14F1513
14A1513
14G1513
14R1513SS
14.75
12.88
16.00
14.00
17.22
15.34
P1868
F1868
A1868
16.88
14.88
-
-
19.34
17.34
P2068
F2068
A2068
18.44
14.44
-
-
20.94
16.94
© 2021. Hammond Manufacturing Ltd. All rights reserved.
Quality Products. Service Excellence.


Similar Part No. - 14R

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
14R HAMMOND-14R Datasheet
42Kb / 1P
Inner Panels
14R0503 HAMMOND-14R0503 Datasheet
79Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
14R0503 HAMMOND-14R0503 Datasheet
42Kb / 1P
Inner Panels
14R0503SS HAMMOND-14R0503SS Datasheet
42Kb / 1P
Inner Panels
14R0505 HAMMOND-14R0505 Datasheet
78Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - 14R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ-202B ETC1-PJ-202B Datasheet
30Kb / 1P
PJ-202B
logo
Hammond Manufacturing L...
EP1212 HAMMOND-EP1212 Datasheet
92Kb / 1P
Inner Panels EP Series
AP3630 HAMMOND-AP3630 Datasheet
53Kb / 1P
Panels for N1A Series Enclosures
logo
Hubbell Incorporated.
IBK100 HUBBELL-IBK100 Datasheet
219Kb / 1P
Xcelerator Jack Icon, XJ and HJ Series
IBK100C HUBBELL-IBK100C Datasheet
228Kb / 1P
Xcelerator Jack Icon, XJ and HJ Series
IBN100 HUBBELL-IBN100 Datasheet
222Kb / 1P
Xcelerator Jack Icon, XJ and HJ Series
IGN100C HUBBELL-IGN100C Datasheet
237Kb / 1P
Xcelerator Jack Icon, XJ and HJ Series
IP100T HUBBELL-IP100T Datasheet
235Kb / 1P
Xcelerator Jack Icon, XJ and HJ Series
IR100C HUBBELL-IR100C Datasheet
232Kb / 1P
Xcelerator Jack Icon, XJ and HJ Series
IY100 HUBBELL-IY100 Datasheet
228Kb / 1P
Xcelerator Jack Icon, XJ and HJ Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com