Electronic Components Datasheet Search
  English  ▼

X  

AD708 Datasheet(PDF) 4 Page - Analog Devices

Part # AD708
Description  Ultralow Offset Voltage Dual Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD708 Datasheet(HTML) 4 Page - Analog Devices

  AD708_06 Datasheet HTML 1Page - Analog Devices AD708_06 Datasheet HTML 2Page - Analog Devices AD708_06 Datasheet HTML 3Page - Analog Devices AD708_06 Datasheet HTML 4Page - Analog Devices AD708_06 Datasheet HTML 5Page - Analog Devices AD708_06 Datasheet HTML 6Page - Analog Devices AD708_06 Datasheet HTML 7Page - Analog Devices AD708_06 Datasheet HTML 8Page - Analog Devices AD708_06 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD708
Rev. C | Page 4 of 16
AD708J/AD708A
AD708B
AD708S
Parameter
Conditions
Min1
Typ
Max1
Min1
Typ
Max1
Min1
Typ
Max1
Unit
OUTPUT VOLTAGE
RLOAD ≥ 10 kΩ
13.5
14
13.5
14.0
13.5
14
±V
RLOAD ≥ 2 kΩ
12.5
13.0
12.5
13.0
12.5
13
±V
RLOAD ≥ 1 kΩ
12.0
12.5
12.0
12.5
12.0
12.5
±V
TMIN to TMAX
12.0
13.0
12.0
13.0
12.0
13
±V
OPEN-LOOP OUTPUT RESISTANCE
60
60
60
Ω
POWER SUPPLY
Quiescent Current
4.5
5.5
4.5
5.5
4.5
5.5
mA
Power Consumption
VS = ±15 V
135
165
135
165
135
165
mW
VS = ±3 V
12
18
12
18
12
18
mW
Operating Range
±3
±18
±3
±18
±3
±18
V
1 All min and max specifications are guaranteed. Specifications in boldface are tested on all production units at final electrical test. Results from those tests are used to
calculate outgoing quality levels.
2 Input offset voltage specifications are guaranteed after five minutes of operation at TA = 25°C.
3 Matching is defined as the difference between parameters of the two amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com