Electronic Components Datasheet Search
  English  ▼

X  

AD8610AR Datasheet(PDF) 19 Page - Analog Devices

Part # AD8610AR
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610AR Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8610AR Datasheet HTML 15Page - Analog Devices AD8610AR Datasheet HTML 16Page - Analog Devices AD8610AR Datasheet HTML 17Page - Analog Devices AD8610AR Datasheet HTML 18Page - Analog Devices AD8610AR Datasheet HTML 19Page - Analog Devices AD8610AR Datasheet HTML 20Page - Analog Devices AD8610AR Datasheet HTML 21Page - Analog Devices AD8610AR Datasheet HTML 22Page - Analog Devices AD8610AR Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8610/AD8620
Rev. E | Page 19 of 24
Input Offset Voltage Adjustment
Offset of AD8610 is very small and normally does not require
additional offset adjustment. However, the offset adjust pins can
be used as shown in Figure 66 to further reduce the dc offset. By
using resistors in the range of 50 kΩ, offset trim range is ±3.3 mV.
R1
+VS
VOUT
–VS
AD8610
7
6
1
5
4
3
2
Figure 66. Offset Voltage Nulling Circuit
Programmable Gain Amplifier (PGA)
The combination of low noise, low input bias current, low input
offset voltage, and low temperature drift make the AD8610/
AD8620 a perfect solution for programmable gain amplifiers.
PGAs are often used immediately after sensors to increase the
dynamic range of the measurement circuit. Historically, the large
on resistance of switches (combined with the large IB currents
of amplifiers) created a large dc offset in PGAs. Recent and
improved monolithic switches and amplifiers completely remove
these problems. A PGA discrete circuit is shown in Figure 67.
In Figure 67, when the 10 pA bias current of the AD8610 is
dropped across the (<5 Ω) RON of the switch, it results in a
negligible offset error.
When high precision resistors are used, as in the circuit of
Figure 67, the error introduced by the PGA is within the
½ LSB requirement for a 16-bit system.
VIN
VOUT
AD8610
7
4
6
5
1
2
3
IN1
S1
D1
10kΩ
10kΩ
1kΩ
5V
+5V
IN2
S2
D2
IN3
S3
D3
IN4
S4
D4
ADG452
3
2
14
15
11
10
6
7
VL
VDD
13
12
1
16
9
8
74HC139
VSS
4
GND
5
1kΩ
100Ω
11Ω
5pF
G = +1
G = +10
G = +100
G = +1000
+5V
+5V
–5V
Y0
Y1
Y2
Y3
G
A
B
A0
A1
100Ω
Figure 67. High Precision PGA
1. Room temperature error calculation due to RON and IB:
ΔVOS = IB × RON = 2 pA × 5 Ω = 10 pV
Total Offset = AD8610 (Offset) + ΔVOS
Total Offset = AD8610 (Offset_Trimmed) + ΔVOS
μV
5
pV
10
μV
5
≅
+
=
Offset
Total
2. Full temperature error calculation due to RON and IB:
ΔVOS (@ 85°C) = IB (@ 85°C) × RON (@ 85°C) =
250 pA × 15 Ω = 3.75 nV
3. Temperature coefficient of switch and AD8610/AD8620
combined is essentially the same as the TCVOS of the
AD8610/AD8620:
ΔVOS/ΔT(total) = ΔVOS/ΔT(AD8610/AD8620) +
ΔVOS/ΔT(IB × RON)
C
V
C
C
total
T
V
OS
°
μ
≅
°
+
°
=
Δ
Δ
/
5
.
0
nV/
06
.
0
/
μV
5
.
0
)
(
/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com