Electronic Components Datasheet Search
  English  ▼

X  

AD604 Datasheet(PDF) 24 Page - Analog Devices

Part # AD604
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD604_08 Datasheet HTML 20Page - Analog Devices AD604_08 Datasheet HTML 21Page - Analog Devices AD604_08 Datasheet HTML 22Page - Analog Devices AD604_08 Datasheet HTML 23Page - Analog Devices AD604_08 Datasheet HTML 24Page - Analog Devices AD604_08 Datasheet HTML 25Page - Analog Devices AD604_08 Datasheet HTML 26Page - Analog Devices AD604_08 Datasheet HTML 27Page - Analog Devices AD604_08 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD604
Rev. D | Page 24 of 32
EVALUATION BOARD
Figure 55 is a photograph of the AD604 evaluation board assembly.
Multiple input connections, test points, jumper selectable options,
and on-board trims offer convenience when configuring the
AD604 in various operating modes.
The evaluation board requires only a dual 5 V supply capable of
200 mA or higher to operate both channels. Prior to shipment,
the evaluation board is fully tested. Users need only attach
power supply leads and the appropriate test equipment to
the board.
Because of this flexibility, not all component positions on the
board are populated when the board is shipped. Installing or
changing additional parts is optional.
The AD604-EVAL is fabricated on a 4-layer board with inner
power and ground layers. The AD604 is a stable, trouble-free
device; however, as with all high frequency integrated circuits,
power and ground planes help to ensure consistency in
performance.
Figure 55. AD604 Evaluation Board Assembly
USING THE PREAMPLIFIER
To use the preamplifiers, simply connect a signal source to CH1
PREAMP IN and/or CH2 PREAMP IN via the SMA connectors.
Referring to the schematic in Figure 61, the input lines are
terminated with 50 Ω resistors at locations R7 and R8.
To enable the preamplifiers, insert jumpers in the JP8 and JP9
rightmost positions; this connects COM1 and COM2 to ground.
Power down the preamplifiers by inserting jumpers in the JP8
and JP9 leftmost positions.
Figure 56. AD604 Evaluation Board—Component Side Silk Screen
DSX INPUT CONNECTIONS
The DSX inputs can be connected in single-ended or differential
configurations. SMA connectors are provided for each of the
inputs and are labeled CH1, CH2, VGA IN (+), and VGA IN (−).
JP6 and JP15 select between the preamplifier outputs and the
DSX inputs.
For direct drive of the Channel 1 VGA, insert a jumper in the
top position of JP6. For direct drive of the Channel 2 VGA,
insert a jumper in JP14 and verify that there are no jumpers in
JP12 and JP13. Refer to the schematic shown in Figure 61 for
circuit details.
Differential DSX Inputs
Differential inputs are possible using both polarities of the
VGA SMA connectors and appropriate jumpers. Inserting a
jumper in the lower position of JP5 selects the negative input
of Channel 1. A jumper in the top position of JP6 selects the
positive input of Channel 1. A jumper in the JP16 rightmost
position selects the negative input of Channel 2, and a jumper
in JP14 selects the positive input. Again, verify that there are no
jumpers in JP15 or JP13.
Because the VGA section of the AD604 uses a single 5 V supply,
the DSX inputs are ac-coupled. Decoupling capacitors are provided
on the evaluation board.
The DSX input impedance is approximately 200 Ω. Optional
66.5 Ω resistors can be installed across the inputs at positions
R5, R6, R9, and R10 to establish a 50 Ω terminating load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com