Electronic Components Datasheet Search
  English  ▼

X  

AD604ANZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD604ANZ
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604ANZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD604ANZ Datasheet HTML 17Page - Analog Devices AD604ANZ Datasheet HTML 18Page - Analog Devices AD604ANZ Datasheet HTML 19Page - Analog Devices AD604ANZ Datasheet HTML 20Page - Analog Devices AD604ANZ Datasheet HTML 21Page - Analog Devices AD604ANZ Datasheet HTML 22Page - Analog Devices AD604ANZ Datasheet HTML 23Page - Analog Devices AD604ANZ Datasheet HTML 24Page - Analog Devices AD604ANZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD604
Rev. D | Page 21 of 32
At 1 MHz, the attenuation is about −0.2 dB, increasing to −6 dB
at 10 MHz and −28 dB at 100 MHz. Signals less than approximately
1 MHz are not significantly affected.
Figure 49 shows the control voltage vs. the input power at 1 MHz to
the circuit in Figure 48; note that the AGC threshold is at −95 dBm.
The output signal level is set to 800 mV p-p by applying
−80 mV to the VSET connector.
12
11
10
9
8
1
2
3
4
7
6
5
13
16
15
14
24
23
22
21
20
19
18
17
AD604
FB
–DSX1
+DSX1
PAI1
FBK1
PAO1
COM1
COM2
PAI2
FBK2
PAO2
+DSX2
–DSX2
VGN1
VREF
VPOS
GND1
OUT1
VNEG
VNEG
VPOS
GND2
OUT2
VOCM
VGN2
FAIR-RITE
#2643000301
C5
0.1µF
R2
499Ω
C6
560pF
C3
0.1µF
Figure 48. Modifications of AGC Amplifier to Create 96 dB of Gain Range
4.5
4.0
0
3.5
3.0
1.0
2.5
2.0
1.5
1MHz
0.5
PIN (dBm)
–100 –90 –80 –70 –60 –50 –40 –30 –20 –10
0
10
Figure 49. Control Voltage vs. Input Power of Circuit in Figure 48
ULTRALOW NOISE, DIFFERENTIAL INPUT-
DIFFERENTIAL OUTPUT VGA
Figure 50 shows how to use both preamplifiers and DSXs to
create a high impedance, differential input-differential output
VGA. This application takes advantage of the differential inputs
to the DSXs. Note that the input is not truly differential in the
sense that the common-mode voltage needs to be at ground to
achieve maximum input signal swing. This has largely to do
with the limited output swing capability of the output drivers of
the preamplifiers; they clip around ±2.2 V due to having to drive
an effective load of about 30 Ω. If a different input common-mode
voltage needs to be accommodated, ac coupling (as was done in
Figure 48) is recommended. The differential gain range of this
circuit runs from 6 dB to 54 dB, which is 6 dB higher than each
individual channel of the AD604 because the DSX inputs now
see twice the signal amplitude compared to when they are
driven single-ended.
13
16
15
14
19
18
17
24
23
22
21
20
12
11
10
9
8
1
2
3
4
7
6
5
AD604
FB
FB
+5V
–5V
ALL SUPPLY PINS ARE DECOUPLED AS SHOWN.
+5V
–5V
–5V
+5V
VIN+
VIN–
VG
VREF
VOUT+
VOUT–
–DSX1
+DSX1
PAI1
FBK1
PAO1
COM1
COM2
PAI2
FBK2
PAO2
+DSX2
–DSX2
VGN1
VREF
VPOS
GND1
OUT1
VNEG
VNEG
VPOS
GND2
OUT2
VOCM
VGN2
C13
0.1µF
C12
0.1µF
C1
0.1µF
C2
0.1µF
C4
0.1µF
C3
0.1µF
C5
0.1µF
C7
0.1µF
R1
453Ω
R2
453Ω
C6
0.1µF
Figure 50. Ultralow Noise, Differential Input-Differential Output VGA
Figure 51 displays the output signals VOUT+ and VOUT− after
a −20 dB attenuator formed between the 453 Ω resistors shown
in Figure 50 and the 50 Ω loads presented by the oscilloscope
plug-in. R1 and R2 are inserted to ensure a nominal load of 500 Ω
at each output. The differential gain of the circuit is set to 20 dB
by applying a control voltage, VGN, of 1 V; the gain scaling is
20 dB/V for a VREF of 2.500 V; the input frequency is 10 MHz
and the differential input amplitude is 100 mV p-p. The resulting
differential output amplitude is 1 V p-p as can be seen on the
scope photo when reading the vertical scale as 200 mV/div.
10
0%
100
90
20ns
20mV
20mV
NOTES
1. THE OUTPUT AFTER 10× ATTENUATER FORMED
BY 453Ω TOGETHER WITH 50Ω OF 7A24 PLUG-IN.
–500mV
ACTUAL
VOUT
+500mV
Figure 51. Output of VGA in Figure 50 for VGN = 1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com