Electronic Components Datasheet Search
  English  ▼

X  

AD604AR Datasheet(PDF) 8 Page - Analog Devices

Part # AD604AR
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604AR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD604AR Datasheet HTML 4Page - Analog Devices AD604AR Datasheet HTML 5Page - Analog Devices AD604AR Datasheet HTML 6Page - Analog Devices AD604AR Datasheet HTML 7Page - Analog Devices AD604AR Datasheet HTML 8Page - Analog Devices AD604AR Datasheet HTML 9Page - Analog Devices AD604AR Datasheet HTML 10Page - Analog Devices AD604AR Datasheet HTML 11Page - Analog Devices AD604AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD604
Rev. D | Page 8 of 32
VGN (V)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0.2
0.7
1.2
1.7
2.2
2.7
20dB/V
VREF = 2.5V
30dB/V
VREF = 1.67V
Figure 9. Gain Error vs. VGN for Two Gain Scaling Values
DELTA GAIN (dB)
25
20
15
10
5
0
–1.0
–0.8
–0.6
–0.4
–0.2
0.1
0.3
0.5
0.7
0.9
N= 50
VGN1 = 1.0V
VGN2 = 1.0V
ΔG(dB) =
G(CH1) – G(CH2)
Figure 10. Gain Match; VGN1 = VGN2 = 1.0 V
DELTA GAIN (dB)
25
20
15
10
5
0
–1.0
–0.8
–0.6
–0.4
–0.2
0.1
0.3
0.5
0.7
0.9
N= 50
VGN1 = 2.50V
VGN2 = 2.50V
ΔG(dB) =
G(CH1) – G(CH2)
Figure 11. Gain Match; VGN1 = VGN2 = 2.50 V
FREQUENCY (Hz)
50
40
–50
30
20
10
0
–10
–20
–30
–40
100k
1M
10M
100M
VGN = 2.9V
VGN = 2.5V
VGN = 1.5V
VGN = 0.5V
VGN = 0.1V
VGN = 0V
Figure 12. AC Response for Various Values of VGN
VGN (V)
2.55
2.54
2.53
2.52
2.51
2.50
2.49
2.48
2.45
2.46
2.47
VOCM = 2.5V
–40°C
+25°C
+85°C
0.2
0.7
1.2
1.7
2.2
2.7
Figure 13. Output Offset vs. VGN for Three Temperatures
VGN (V)
210
190
170
150
130
110
90
0.10.50.91.31.72.12.52.9
–40°C
+25°C
+85°C
Figure 14. Output Referred Noise vs. VGN for Three Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com