Electronic Components Datasheet Search
  English  ▼

X  

AD825 Datasheet(PDF) 11 Page - Analog Devices

Part # AD825
Description  Low Cost, General-Purpose High Speed JFET Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD825 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD825 Datasheet HTML 4Page - Analog Devices AD825 Datasheet HTML 5Page - Analog Devices AD825 Datasheet HTML 6Page - Analog Devices AD825 Datasheet HTML 7Page - Analog Devices AD825 Datasheet HTML 8Page - Analog Devices AD825 Datasheet HTML 9Page - Analog Devices AD825 Datasheet HTML 10Page - Analog Devices AD825 Datasheet HTML 11Page - Analog Devices AD825 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD825
Rev. F | Page 11 of 12
SECOND-ORDER LOW-PASS FILTER
A second-order Butterworth low-pass filter can be implemented
using the AD825 as shown in Figure 33. The extremely low bias
currents of the AD825 allow the use of large resistor values and,
consequently, small capacitor values without concern for
developing large offset errors. Low current noise is another
factor in permitting the use of large resistors without having to
worry about the resultant voltage noise.
With the values shown, the corner frequency will be 1 MHz.
The equations for component selection are shown below. Note
that the noninverting input (and the inverting input) has an
input capacitance of 6 pF. As a result, the calculated value of C1
(12 pF) is reduced to 6 pF.
R1
f
C1
CUTOFF
π
=
2
414
.
1
()
R1
f
farads
C2
CUTOFF
π
=
2
707
.
0
(
)
Ω
k
100
Ω
k
10
to
Typically
Selected
User
R2
R1
=
=
A plot of the filter frequency response is shown in Figure 34;
better than 40 dB of high frequency rejection is provided.
AD825
C3
0.1
µF
C4
0.1
µF
VOUT
VIN
C2
6pF
–5V
C1
24pF
R1
9.31k
Ω
R2
9.31k
Ω
+5V
Figure 33. Second-Order Butterworth Low-Pass Filter
FREQUENCY (Hz)
10k
100M
100k
1M
10M
0
–10
–20
–30
–40
–50
–60
–70
–80
Figure 34. Frequency Response of Second-Order Butterworth Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com