Electronic Components Datasheet Search
  English  ▼

X  

AD549KHZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD549KHZ
Description  Ultralow Input Bias Current Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD549KHZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD549KHZ Datasheet HTML 12Page - Analog Devices AD549KHZ Datasheet HTML 13Page - Analog Devices AD549KHZ Datasheet HTML 14Page - Analog Devices AD549KHZ Datasheet HTML 15Page - Analog Devices AD549KHZ Datasheet HTML 16Page - Analog Devices AD549KHZ Datasheet HTML 17Page - Analog Devices AD549KHZ Datasheet HTML 18Page - Analog Devices AD549KHZ Datasheet HTML 19Page - Analog Devices AD549KHZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD549
Rev. H | Page 18 of 20
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MO-002-AK
0.2500 (6.35) MIN
0.5000 (12.70)
MIN
0.1850 (4.70)
0.1650 (4.19)
REFERENCE PLANE
0.0500 (1.27) MAX
0.0190 (0.48)
0.0160 (0.41)
0.0210 (0.53)
0.0160 (0.41)
0.0400 (1.02)
0.0100 (0.25)
0.0400 (1.02) MAX
0.0340 (0.86)
0.0280 (0.71)
0.0450 (1.14)
0.0270 (0.69)
0.1600 (4.06)
0.1400 (3.56)
0.1000 (2.54)
BSC
6
2
8
7
5
4
3
1
0.2000
(5.08)
BSC
0.1000
(2.54)
BSC
45° BSC
BASE & SEATING PLANE
Figure 47. 8-Lead Metal Can [TO-99]
(H-08)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD549JH
0°C to +70°C
8-Lead Metal Can (TO-99)
H-08
AD549JHZ1
0°C to +70°C
8-Lead Metal Can (TO-99)
H-08
AD549KH
0°C to +70°C
8-Lead Metal Can (TO-99)
H-08
AD549KHZ1
0°C to +70°C
8-Lead Metal Can (TO-99)
H-08
AD549LH
0°C to +70°C
8-Lead Metal Can (TO-99)
H-08
AD549LHZ1
0°C to +70°C
8-Lead Metal Can (TO-99)
H-08
AD549SH/883B
−55°C to +125°C
8-Lead Metal Can (TO-99)
H-08
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com