Electronic Components Datasheet Search
  English  ▼

X  

L6219D Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6219D
Description  STEPPER MOTOR DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6219D Datasheet(HTML) 5 Page - STMicroelectronics

  L6219D Datasheet HTML 1Page - STMicroelectronics L6219D Datasheet HTML 2Page - STMicroelectronics L6219D Datasheet HTML 3Page - STMicroelectronics L6219D Datasheet HTML 4Page - STMicroelectronics L6219D Datasheet HTML 5Page - STMicroelectronics L6219D Datasheet HTML 6Page - STMicroelectronics L6219D Datasheet HTML 7Page - STMicroelectronics L6219D Datasheet HTML 8Page - STMicroelectronics L6219D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
The source transistors are used to switch the
power supplied to the motor winding, thus driving
a constant current through the winding.
It should be noted however, that is not permitted
to short circuit the outputs.
Internal circuitry is added in order to increase the
accuracy of the motor current particularly with low
current levels.
VS, VSS, VRef
The circuit will stand any order of turn-on or turn-
off the supply voltages VS and VSS. Normal dV/dt
values are then assumed.
Preferably, VRef should be tracking VSS during
power-on and power-off if VS is established.
APPLICATION INFORMATIONS (Note 1)
Some stepper motors are not designed for contin-
uous operation at maximum current. As the circuit
drives a constant current through the motor, its
temperature might increase exceedingly both at
low and high speed operation.
Also, some stepper motors have such high core
losses that they are not suited for switch mode
Figure 2: Principle Operating Sequence
L6219
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com