Electronic Components Datasheet Search
  English  ▼

X  

AD603ACHIPS Datasheet(PDF) 7 Page - Analog Devices

Part # AD603ACHIPS
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603ACHIPS Datasheet(HTML) 7 Page - Analog Devices

Back Button AD603ACHIPS Datasheet HTML 3Page - Analog Devices AD603ACHIPS Datasheet HTML 4Page - Analog Devices AD603ACHIPS Datasheet HTML 5Page - Analog Devices AD603ACHIPS Datasheet HTML 6Page - Analog Devices AD603ACHIPS Datasheet HTML 7Page - Analog Devices AD603ACHIPS Datasheet HTML 8Page - Analog Devices AD603ACHIPS Datasheet HTML 9Page - Analog Devices AD603ACHIPS Datasheet HTML 10Page - Analog Devices AD603ACHIPS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD603
Rev. H | Page 7 of 24
DATEL
DVC 8500
HP3326A
DUAL-
CHANNEL
SYNTHESIZER
100Ω
+5V
511Ω
10×
PROBE
HP3585A
SPECTRUM
ANALYZER
0.1µF
AD603
8
5
4
7
3
6
1
2
–5V
0.1µF
Figure 10. Third-Order Intermodulation Distortion Test Setup
10dB/DIV
Figure 11. Third-Order Intermodulation Distortion at 455 kHz
(10× Probe Used to HP3585A Spectrum Analyzer, Gain = 0 dB, PIN = 0 dBm)
10dB/DIV
Figure 12. Third-Order Intermodulation Distortion at 10.7 MHz
(10× Probe Used to HP3585A Spectrum Analyzer, Gain = 0 dB, PIN = 0 dBm)
LOAD RESISTANCE (Ω)
0
50
100
200
500
1000
2000
–1.0
–1.2
–1.4
–1.6
–1.8
–2.0
–2.2
–2.4
–2.6
–2.8
–3.0
–3.2
–3.4
Figure 13. Typical Output Voltage Swing vs. Load Resistance
(Negative Output Swing Limits First)
FREQUENCY (Hz)
100M
100k
1M
10M
102
100
98
94
96
Figure 14. Input Impedance vs. Frequency (Gain = −10 dB)
FREQUENCY (Hz)
100M
100k
1M
10M
100
102
98
96
94
Figure 15. Input Impedance vs. Frequency (Gain = 10 dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com