Electronic Components Datasheet Search
  English  ▼

X  

AD605-EB Datasheet(PDF) 16 Page - Analog Devices

Part # AD605-EB
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD605-EB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD605-EB Datasheet HTML 12Page - Analog Devices AD605-EB Datasheet HTML 13Page - Analog Devices AD605-EB Datasheet HTML 14Page - Analog Devices AD605-EB Datasheet HTML 15Page - Analog Devices AD605-EB Datasheet HTML 16Page - Analog Devices AD605-EB Datasheet HTML 17Page - Analog Devices AD605-EB Datasheet HTML 18Page - Analog Devices AD605-EB Datasheet HTML 19Page - Analog Devices AD605-EB Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD605
Rev. E | Page 16 of 20
APPLICATIONS INFORMATION
The basic circuit in Figure 38 shows the connections for one
channel of the AD605 with a gain range of −14 dB to +34.4 dB.
The signal is applied at Pin 3. The ac coupling capacitors before
Pin −IN1 and Pin +IN1 should be selected according to the
required lower cutoff frequency. In this example, the 0.1 μF
capacitors, together with the 175 Ω of each of the DSX input
pins, provide a −3 dB high-pass corner of about 9.1 kHz. The
upper cutoff frequency is determined by the amplifier and is
40 MHz.
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
VREF
GND1
+IN1
–IN1
VGN1
OUT1
FBK1
VPOS
–IN2
+IN2
GND2
VPOS
FBK2
OUT2
VOCM
VGN2
AD605
VGN
VIN
0.1µF
0.1µF
0.1µF
5V
0.1µF
OUT
2.500V
Figure 38. Basic Connections for a Single Channel
As shown in Figure 38, the output is ac-coupled for optimum
performance. In the case of connecting to the 10-bit, 40 MSPS
ADC, AD9050, ac coupling can be eliminated as long as
Pin VOCM is biased by the same 3.3 V common-mode
voltage as the AD9050.
Pin VREF requires a voltage of 1.25 V to 2.5 V, with gain scaling
between 40 dB/V and 20 dB/V, respectively. Voltage VGN controls
the gain; its nominal operating range is from 0.25 V to 2.65 V
for 20 dB/V gain scaling and 0.125 V to 1.325 V for 40 dB/V
scaling. When this pin is taken to ground, the channel powers
down and disables its output.
CONNECTING TWO AMPLIFIERS TO DOUBLE THE
GAIN RANGE
Figure 39 shows the two channels of the AD605 connected in
series to provide a total gain range of 96.8 dB. When R1 and R2
are shorts, the gain range is from −28 dB to +68.8 dB with a
slightly reduced bandwidth of about 30 MHz. The reduction in
bandwidth is due to two identical low-pass circuits being
connected in series; in the case of two identical single-pole, low-
pass filters, the bandwidth is reduced by exactly √2. If R1 and
R2 are replaced by open circuits, that is, Pin FBK1 and Pin FBK2
are left unconnected, the gain range shifts up by 28 dB to 0 dB
to 96.8 dB. As previously noted, the bandwidth of each individual
channel is reduced by a factor of 5 to about 8 MHz because the
gain increased by 14 dB. In addition, there is still the √2 reduction
because of the series connection of the two channels that results
in a final bandwidth of the higher gain version of about 6 MHz.
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
VREF
GND1
+IN1
–IN1
VGN1
OUT1
FBK1
VPOS
–IN2
+IN2
GND2
VPOS
FBK2
OUT2
VOCM
VGN2
AD605
C2
0.1µF
VGN
VIN
R1
5V
OUT
2.500V
C1
0.1µF
C3
0.1µF
C4
0.1µF
C6
0.1µF
R2
C5
0.1µF
Figure 39. Doubling the Gain Range with Two Amplifiers
Two other easy combinations are possible to provide a gain
range of −14 dB to +82.8 dB: make R1 a short and R2 an open,
or make R1 an open and R2 a short. The bandwidth for both of
these cases is dominated by the channel that is set to the higher
gain and is about 8 MHz. From a noise standpoint, the second
choice is the best because by increasing the gain of the first
amplifier, the noise of the second amplifier has less of an impact
on the total output noise. One further observation regarding
noise is that by increasing the gain, the output noise increases
proportionally; therefore, there is no increase in signal-to-noise
ratio. It actually stays fixed.
It should be noted that by selecting the appropriate values of R1
and R2, any gain range between −28 dB to +68.8 dB and 0 dB to
+96.8 dB can be achieved with the circuit in Figure 39. When
using any value other than shorts and opens for R1 and R2, the
final value of the gain range depends on the external resistors
matching the on-chip resistors. Because the internal resistors
can vary by as much as ±20%, the actual values for a particular
gain have to be determined empirically. Note that the two channels
within one part match quite well; therefore, R1 tracks R2 in
Figure 39.
C3 is not required because the common-mode voltage at
Pin OUT1 should be identical to the one at Pin +IN2 and
Pin −IN2. However, because only 1 mV of offset at the output of
the first DSX introduces an offset of 53 mV when the second
DSX is set to the maximum gain of the lowest gain range
(34.4 dB), and 263 mV when set to the maximum gain of the
highest gain range (48.4 dB), it is important to include ac
coupling to get the maximum dynamic range at the output of
the cascaded amplifiers. C5 is necessary if the output signal
needs to be referenced to any common-mode level other than
half of the supply as is provided by Pin OUT2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com