Electronic Components Datasheet Search
  English  ▼

X  

70570 Datasheet(PDF) 4 Page - Klein Tools, Inc.

Part # 70570
Description  Hex-Key Wrenches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

70570 Datasheet(HTML) 4 Page - Klein Tools, Inc.

  70570 Datasheet HTML 1Page - Klein Tools, Inc. 70570 Datasheet HTML 2Page - Klein Tools, Inc. 70570 Datasheet HTML 3Page - Klein Tools, Inc. 70570 Datasheet HTML 4Page - Klein Tools, Inc. 70570 Datasheet HTML 5Page - Klein Tools, Inc. 70570 Datasheet HTML 6Page - Klein Tools, Inc. 70570 Datasheet HTML 7Page - Klein Tools, Inc. 70570 Datasheet HTML 8Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
T-Handle Ball-End Hex-Key Set with Stand - Metric
Includes core Journeyman™ T-handle hex-key features plus:
• Metal stand for convenient mounting on bench or wall
• Short blade-through handle provides maximum tool versatility
JTH68MB
Cat. No.
Set Contains
Weight
JTH68MB
2.7 lb (1.2 kg)
Cat. No.
Hex Size
Blade Length
JTH6M2BE
2 mm
6" (152.4 mm)
JTH6M25BE
2.5 mm
6" (152.4 mm)
JTH6M3BE
3 mm
6" (152.4 mm)
JTH6M4BE
4 mm
6" (152.4 mm)
JTH6M5BE
5 mm
6" (152.4 mm)
JTH6M6BE
6 mm
6" (152.4 mm)
JTH6M8BE
8 mm
6" (152.4 mm)
JTH6M10BE
10 mm
6" (152.4 mm)
T-Handle Ball-End Hex-Keys - Metric
Includes core Journeyman™ T-handle hex-key features plus:
• Short blade-through handle provides maximum tool versatility
JTH6M8BE
Cat. No.
Hex Size
Blade Length
Weight
JTH6M2BE
2 mm
6" (152.4 mm)
0.64 oz (18.1 g)
JTH6M25BE
2.5 mm
6" (152.4 mm)
0.80 oz (22.7 g)
JTH6M3BE
3 mm
6" (152.4 mm)
1.0 oz (28 g)
JTH6M4BE
4 mm
6" (152.4 mm)
1.1 oz (31 g)
JTH6M5BE
5 mm
6" (152.4 mm)
0.15 lb (0.07 kg)
JTH6M6BE
6 mm
6" (152.4 mm)
0.19 lb (0.09 kg)
JTH6M8BE
8 mm
6" (152.4 mm)
0.35 lb (0.16 kg)
JTH6M10BE
10 mm
6" (152.4 mm)
0.48 lb (0.22 kg)
T-Handle Hex-Keys - Metric
Includes core Journeyman™ T-handle hex-key features plus:
• Short blade-through handle provides maximum tool versatility
JTH6M8
Cat. No.
Hex Size
Blade Length
Weight
JTH6M2
2 mm
6" (152.4 mm)
0.64 oz (18.1 g)
JTH6M25
2.5 mm
6" (152.4 mm)
0.80 oz (22.7 g)
JTH6M3
3 mm
6" (152.4 mm)
1.0 oz (28 g)
JTH6M4
4 mm
6" (152.4 mm)
0.10 oz (2.8 g)
JTH6M5
5 mm
6" (152.4 mm)
0.15 lb (0.07 kg)
JTH6M6
6 mm
6" (152.4 mm)
0.17 lb (0.08 kg)
JTH6M8
8 mm
6" (152.4 mm)
0.35 lb (0.16 kg)
JTH6M10
10 mm
6" (152.4 mm)
0.48 lb (0.22 kg)
JTH9M10
10 mm
9" (228.6 mm)
0.48 oz (13.6 g)
JTH9M2
2 mm
9" (228.6 mm)
0.05 oz (1.4 g)
JTH9M25
2.5 mm
9" (228.6 mm)
0.05 oz (1.4 g)
JTH9M3
3 mm
9" (228.6 mm)
0.06 oz (1.7 g)
JTH9M4
4 mm
9" (228.6 mm)
1.4 oz (40 g)
JTH9M5
5 mm
9" (228.6 mm)
0.18 oz (5.1 g)
JTH9M6
6 mm
9" (228.6 mm)
0.22 oz (6.2 g)
JTH9M8
8 mm
9" (228.6 mm)
0.42 oz (11.9 g)
T-Handle Hex-Keys
Hex-Key Wrenches
See page 310 for additional information on warnings.
www.kleintools.com
92



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com