Electronic Components Datasheet Search
  English  ▼

X  

LL10 Datasheet(PDF) 8 Page - Klein Tools, Inc.

Part # LL10
Description  Hex-Key Wrenches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

LL10 Datasheet(HTML) 8 Page - Klein Tools, Inc.

  LL10 Datasheet HTML 1Page - Klein Tools, Inc. LL10 Datasheet HTML 2Page - Klein Tools, Inc. LL10 Datasheet HTML 3Page - Klein Tools, Inc. LL10 Datasheet HTML 4Page - Klein Tools, Inc. LL10 Datasheet HTML 5Page - Klein Tools, Inc. LL10 Datasheet HTML 6Page - Klein Tools, Inc. LL10 Datasheet HTML 7Page - Klein Tools, Inc. LL10 Datasheet HTML 8Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LMK10
BLK12
Cat. No.
Set Contains
Weight
BLK12
L Style Ball End Hex Key Caddy Set 12 Pc
0.53 lb (0.24 kg)
Cat. No.
Hex Size Short Arm Length Long Arm Length
BL2
0.050"
9/16" (14.28 mm)
2-7/8" (73.0 mm)
BL4
1/16"
5/8" (15.87 mm)
3-1/16" (77.8 mm)
BL5
5/64"
11/16" (17.46 mm)
3-1/4" (82.6 mm)
BL6
3/32"
3/4" (19.05 mm)
3-1/2" (88.9 mm)
BL7
7/64"
3/4" (19.05 mm)
3-11/16" (93.7 mm)
BL8
1/8"
7/8" (22.22 mm)
3-7/8" (98.4 mm)
BL9
9/64"
15/16" (23.81 mm)
4-1/8" (104.8 mm)
BL10
5/32"
1" (25.4 mm)
4-3/8" (111.1 mm)
BL12
3/16"
1-1/8" (28.57 mm)
4-11/16" (119.1 mm)
BL14
7/32"
1-1/4" (31.75 mm)
5-1/16" (128.6 mm)
BL16
1/4"
1-3/8" (34.92 mm)
5-13/16" (147.6 mm)
BL20
5/16"
1-9/16" (39.68 mm)
6-5/16" (160.33 mm)
Cat. No.
Set Contains
Weight
BLMK10
L Style Ball End Hex Key Caddy Set Metric 9 Pc
0.62 lb (0.28 kg)
Cat. No.
Hex Size Short Arm Length Long Arm Length
BLM15
1.5 mm
9/16" (14.28 mm)
3-1/16" (77.8 mm)
BLM2
2 mm
11/16" (17.46 mm)
3-5/16" (84.1 mm)
BLM25
2.5 mm
13/16" (20.63 mm)
3-9/16" (90.5 mm)
BLM3
3 mm
7/8" (22.22 mm)
4" (101.6 mm)
BLM4
4 mm
1" (25.4 mm)
4-1/2" (114.3 mm)
BLM5
5 mm
1-1/4" (31.75 mm)
4-7/8" (123.8 mm)
BLM6
6 mm
1-7/16" (36.51 mm)
5-11/16" (144.5 mm)
BLM8
8 mm
1-11/16" (42.86 mm) 6-5/16" (160.33 mm)
BLM10
10 mm
1-15/16" (49.21 mm) 6-1/8" (155.6 mm)
Cat. No.
Set Contains
Weight
LLK12
L-Style Hex Key Caddy Set 12 Pc
0.54 lb (0.24 kg)
Cat. No.
Hex Size Short Arm Length Long Arm Length
LL2
0.050"
9/16" (14.28 mm)
2-7/8" (73.0 mm)
LL4
1/16"
5/8" (15.87 mm)
3-1/16" (77.8 mm)
LL5
5/64"
11/16" (17.46 mm)
3-1/4" (82.6 mm)
LL6
3/32"
3/4" (19.05 mm)
3-1/2" (88.9 mm)
LL7
7/64"
13/16" (20.63 mm)
3-11/16" (93.7 mm)
LL8
1/8"
7/8" (22.22 mm)
3-7/8" (98.4 mm)
LL9
9/64"
15/16" (23.81 mm)
4-1/8" (104.8 mm)
LL10
5/32"
1" (25.4 mm)
4-3/8" (111.1 mm)
LL12
3/16"
1-1/8" (28.57 mm)
4-11/16" (119.1 mm)
LL14
7/32"
1-1/4" (31.75 mm)
5-1/16" (128.6 mm)
LL16
1/4"
1-3/8" (34.92 mm)
5-1/2" (139.7 mm)
LL20
5/16"
1-9/16" (39.68 mm)
6-5/16" (160.33 mm)
Cat. No.
Set Contains
Weight
LMK10
L-Style Hex Key Caddy Set Metric 9 Pc
0.63 lb (0.29 kg)
Cat. No.
Hex Size Short Arm Length Long Arm Length
LLM15
1.5 mm
9/16" (14.28 mm)
3-1/8" (79.4 mm)
LLM2
2 mm
11/16" (17.46 mm)
3-1/32" (77.0 mm)
LLM25
2.5 mm
13/16" (20.63 mm)
3-9/16" (90.5 mm)
LLM3
3 mm
7/8" (22.22 mm)
4" (101.6 mm)
LLM4
4 mm
1" (25.4 mm)
4-1/2" (114.3 mm)
LLM5
5 mm
1-1/4" (31.75 mm)
4-7/8" (123.8 mm)
LLM6
6 mm
1-7/16" (36.51 mm)
5-11/16" (144.5 mm)
LLM8
8 mm
1-11/16" (42.86 mm) 6-5/16" (160.33 mm)
LLM10
10 mm
1-15/16" (49.21 mm) 7-1/8" (181.0 mm)
L-Style Caddy Sets
Includes core L-Style hex key features plus:
• L-style hex-keys organized in convenient, durable caddy sets
• Each set contains a unique locking feature
and marked slots for each key
• Ball-end works on angles up to 30°
(Cat. Nos. BLK12 and BLMK10)
L-Style Hex-Key Sets
Hex-Key Wrenches
See page 310 for additional information on warnings.
www.kleintools.com
96



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com