Electronic Components Datasheet Search
  English  ▼

X  

MS62256H Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # MS62256H
Description  32K x 8 HIGH SPEED CMOS STATIC RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MS62256H Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  MS62256H Datasheet HTML 1Page - Mosel Vitelic, Corp MS62256H Datasheet HTML 2Page - Mosel Vitelic, Corp MS62256H Datasheet HTML 3Page - Mosel Vitelic, Corp MS62256H Datasheet HTML 4Page - Mosel Vitelic, Corp MS62256H Datasheet HTML 5Page - Mosel Vitelic, Corp MS62256H Datasheet HTML 6Page - Mosel Vitelic, Corp MS62256H Datasheet HTML 7Page - Mosel Vitelic, Corp MS62256H Datasheet HTML 8Page - Mosel Vitelic, Corp MS62256H Datasheet HTML 9Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MOSEL-VITELIC
MS62256H
Capacitance(1) T
A = 25°C, f = 1.0MHz
1. This parameter is guaranteed and not tested.
Data Retention Characteristics (over the commercial operating range)
Timing Waveform Low VCC Data Retention Waveform
Symbol
Parameter
Conditions
Max.
Unit
C IN
Input Capacitance
VIN = 0V
8
p F
CI/O
Input/Output
Capacitance
VI/O = 0V
10
p F
DC Electrical Characteristics (over the commercial operating range)
1.
Typical characteristics are at VCC = 5V, TA = 25°C.
2.
These are absolute values with respect to device ground and all overshoots due to system or tester noise are included.
3.
VIL (Min.) = –3.0V for pulse width ≤ 20ns
4.
FMAX = 1/tRC.
5.
L version only.
Parameter
MS62256H
Name
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Units
VIL
Guaranteed Input Low Voltage(2,3)
–0.3
-
0.8
V
VIH
Guaranteed Input High Voltage(2)
2.2
-
6.0
V
IIL
Input Leakage Current
VCC= Max, V IN = 0V to VCC
–2
-
2
µA
IOL
Output Leakage Current
VCC= Max, E = VIH or G = VIH, VIN = 0V t o VCC
–2
-
2
µA
VOL
Output Low Voltage
VCC = Min, IOL = 8mA
-
-
0.4
V
VOH
Output High Voltage
VCC = Min, IOH = -4.0mA
2.4
-
-
V
ICC
Operating Power Supply Current
VCC= Max, E = VIL, IDQ = 0mA, F = Fm ax
(4)
-
-
200
mA
ICCSB
Standby Power Supply Current
VCC = Max, E = V IH, IDQ = 0mA
-
-
40
mA
ICCSB1
Power Down Power Supply
VCC = Max, E ≥V CC – 0.2V
-
-
2
mA
Current
VIN≥V CC – 0.2V or VIN≤0.2V
-
-
130(5)
µA
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max(2)
Units
VDR
VCC for Data Retention
E
≥V
CC – 0.2V, VIN ≥V CC – 0.2V or VIN ≤0.2V
2.0(
-
-
V
ICCDR
Data Retention Current
E
≥V
CC– 0.2V, VIN ≥V CC-– 0.2V or VIN ≤0.2V
-
2
504)
µA
tCDR
Chip Deselect to Data Retention
Time
See Retention Waveform
0
-
-
ns
tR
Operation Recovery Time
tRC(3)
-
-
ns
1.
VCC = 2V, TA = +25°C
2.
VCC = 3V
3.
tRC = Read Cycle Time



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com