Electronic Components Datasheet Search
  English  ▼

X  

DS90C387 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C387
Description  Dual Pixel LVDS Display Interface (LDI)=SVGA/QXGA
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C387 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DS90C387 Datasheet HTML 9Page - National Semiconductor (TI) DS90C387 Datasheet HTML 10Page - National Semiconductor (TI) DS90C387 Datasheet HTML 11Page - National Semiconductor (TI) DS90C387 Datasheet HTML 12Page - National Semiconductor (TI) DS90C387 Datasheet HTML 13Page - National Semiconductor (TI) DS90C387 Datasheet HTML 14Page - National Semiconductor (TI) DS90C387 Datasheet HTML 15Page - National Semiconductor (TI) DS90C387 Datasheet HTML 16Page - National Semiconductor (TI) DS90C387 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DS90C387 Pin Descriptions — FPD Link Transmitter
Pin Name
I/O
No.
Description
Rn, Gn, Bn,
DE, HSYNC,
VSYNC
I
51
TTL level input. This includes: 16 Red, 16 Green, 16 Blue, and 3 control
lines HSYNC, VSYNC, DE (Data Enable).(Note 12)
AnP
O
8
Positive LVDS differential data output.
AnM
O
8
Negative LVDS differential data output.
CLKIN
I
1
TTL level clock input.
R_FB
I
1
Programmable data strobe select. Rising data strobe edge selected when
input is high. (Note 12)
R_FDE
I
1
Programmable control (DE) strobe select. Tied high for data active when DE
is high. (Note 12)
CLK1P
O
1
Positive LVDS differential clock output.
CLK1M
O
1
Negative LVDS differential clock output.
PD
I
1
TTL level input. Assertion (low input) tri-states the outputs, ensuring low
current at power down. (Note 12)
PLLSEL
I
1
PLL range select. This pin must be tied to V
CC for auto-range. NC or tied to
Ground is reserved for future use. Typical shift point is between 55 and 68
MHz. (Notes 12, 14)
BAL
I
1
Mode select for DC Balanced (new) or non-DC Balanced (backward
compatible) interface. DC Balance is active when input is high. NC or tied to
Ground, the DC Balance function is disabled. (Notes 12, 13, 15)
PRE
I
1
Pre-emphasis level select. Pre-emphasis is active when input is tied to V
CC
through external pull-up resistor. Resistor value determines pre-emphasis
level (see table in application section). For normal LVDS drive level (No
pre-emphasis) leave this pin open (do not tie to ground).(Note 12)
DUAL
I
1
Three-mode select for dual pixel, single pixel, or single pixel input to dual
pixel output operation. Single pixel mode when input is low (only LVDS
channels A0 thru A3 and CLK1 are active) for power savings. Dual mode is
active when input is high. Single in - dual out when input is at 1/2 Vcc. (Note
12)Figure 16
V
CC
I
4
Power supply pins for TTL inputs and digital circuitry.
GND
I
5
Ground pins for TTL inputs and digital circuitry.
PLLV
CC
I
2
Power supply pin for PLL circuitry.
PLLGND
I
3
Ground pins for PLL circuitry.
LVDSV
CC
I
3
Power supply pin for LVDS outputs.
LVDSGND
I
4
Ground pins for LVDS outputs.
CLK2P/NC
O
1
Additional positive LVDS differential clock output. Identical to CLK1P. No
connect if not used.
CLK2M/NC
O
1
Additional negative LVDS differential clock output. Identical to CLK1M. No
connect if not used.
Note 12: Inputs default to “low” when left open due to internal pull-down resistor.
Note 13: DC Balancing is functionally tested on Automatic Test Equipment (ATE) at 85 MHz only. A sample of characterization units have been bench tested at 112
MHz to verify full speed performance.
Note 14: The PLL range shift point is in the 55 - 68 MHz range, typically the shift will occur during the lock time.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com