Electronic Components Datasheet Search
  English  ▼

X  

DS90CF366 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF366
Description  3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF366 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DS90CF366_06 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 9Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 10Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 11Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 12Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 13Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 14Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DS90CF386 MTD56 Package Pin Descriptions—24-Bit FPD Link Receiver
Pin Name
I/O
No.
Description
RxIN+
I
4
Positive LVDS differentiaI data inputs.
RxIN−
I
4
Negative LVDS differential data inputs.
RxOUT
O
28
TTL level data outputs. This includes: 8 Red, 8 Green, 8 Blue, and 3 control
lines — FPLINE, FPFRAME, DRDY (also referred to as HSYNC, VSYNC, Data
Enable).
RxCLK IN+
I
1
Positive LVDS differential clock input.
RxCLK IN−
I
1
Negative LVDS differential clock input.
RxCLK OUT
O
1
TTL Ievel clock output. The falling edge acts as data strobe.
PWR DOWN
I
1
TTL level input. When asserted (low input) the receiver outputs are low.
V
CC
I
4
Power supply pins for TTL outputs.
GND
I
5
Ground pins for TTL outputs.
PLL V
CC
I
1
Power supply for PLL.
PLL GND
I
2
Ground pin for PLL.
LVDS V
CC
I
1
Power supply pin for LVDS inputs.
LVDS GND
I
3
Ground pins for LVDS inputs.
DS90CF366 MTD48 Package Pin Descriptions—18-Bit FPD Link Receiver
Pin Name
I/O
No.
Description
RxIN+
I
3
Positive LVDS differentiaI data inputs.
RxIN−
I
3
Negative LVDS differential data inputs.
RxOUT
O
21
TTL level data outputs. This includes: 6 Red, 6 Green, 6 Blue, and 3 control lines — FPLINE,
FPFRAME, DRDY (also referred to as HSYNC, VSYNC, Data Enable).
RxCLK IN+
I
1
Positive LVDS differential clock input.
RxCLK IN−
I
1
Negative LVDS differential clock input.
RxCLK OUT
O
1
TTL Ievel clock output. The falling edge acts as data strobe.
PWR DOWN
I
1
TTL level input. When asserted (low input) the receiver outputs are low.
V
CC
I
4
Power supply pins for TTL outputs.
GND
I
5
Ground pins for TTL outputs.
PLL V
CC
I
1
Power supply for PLL.
PLL GND
I
2
Ground pin for PLL.
LVDS V
CC
I
1
Power supply pin for LVDS inputs.
LVDS GND
I
3
Ground pins for LVDS inputs.
DS90CF386 — 64 ball FBGA package Pin Descriptions —
FPD Link Receiver
Pin Name
I/O
No.
Description
RxIN+
I
4
Positive LVDS differentiaI data inputs.
RxIN−
I
4
Negative LVDS differential data inputs.
RxOUT
O
28
TTL level data outputs. This includes: 8 Red, 8 Green, 8 Blue, and 4 control lines — FPLINE,
FPFRAME, DRDY (also referred to as HSYNC, VSYNC, Data Enable).
RxCLK IN+
I
1
Positive LVDS differential clock input.
RxCLK IN−
I
1
Negative LVDS differential clock input.
FPSHIFT OUT
O
1
TTL Ievel clock output. The falling edge acts as data strobe. Pin name RxCLK OUT.
PWR DOWN
I
1
TTL level input. When asserted (low input) the receiver outputs are low.
V
CC
I
4
Power supply pins for TTL outputs.
GND
I
5
Ground pins for TTL outputs.
PLL V
CC
I
1
Power supply for PLL.
PLL GND
I
2
Ground pin for PLL.
LVDS V
CC
I
1
Power supply pin for LVDS inputs.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com