Electronic Components Datasheet Search
  English  ▼

X  

060.72 Datasheet(PDF) 4 Page - Finder Relays, Inc.

Part # 060.72
Description  Miniature plug-in timers 7 - 10 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.

060.72 Datasheet(HTML) 4 Page - Finder Relays, Inc.

  060.72 Datasheet HTML 1Page - Finder Relays, Inc. 060.72 Datasheet HTML 2Page - Finder Relays, Inc. 060.72 Datasheet HTML 3Page - Finder Relays, Inc. 060.72 Datasheet HTML 4Page - Finder Relays, Inc. 060.72 Datasheet HTML 5Page - Finder Relays, Inc. 060.72 Datasheet HTML 6Page - Finder Relays, Inc. 060.72 Datasheet HTML 7Page - Finder Relays, Inc. 060.72 Datasheet HTML 8Page - Finder Relays, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
H
94.P4
Approvals
(according to type):
060.72
060.48
Push-in terminal socket panel or 35 mm
(EN 60715) rail mount
94.P3
Blue
94.P4
Blue
For timer type
85.03
85.02, 85.04
Accessories
Metal retaining clip
094.81
6-way jumper link
094.56
Identification tag
094.00.4
2-way jumper link
094.52
2-way jumper link
097.52
Marker tag holder
097.00
Sheet of marker tags for marker tag holder 097.00 , 48 tags,
6 x 12 mm for CEMBRE's thermal transfer printers
060.48
Sheet of marker tags for marker tag holder 097.00, 72 tags,
6 x 12 mm
060.72
Technical data
Rated values
10 A - 250 V
Dielectric strength
2 kV AC
Protection category
IP 20
Ambient temperature
°C –40…+70
Wire strip length
mm 8
Min. wire size for 94.P3 and 94.P4 sockets
solid wire
stranded wire
mm2 0.5
0.5
AWG 21
21
Max. wire size for 94.P3 and 94.P4 sockets
solid wire
stranded wire
mm2 2 x 1.5 / 1 x 2.5
2 x 1.5 / 1 x 2.5
AWG 2 x 18 / 1 x 14
2 x 18 / 1 x 14
94.P4
94.P3
094.56
O P E A N
PA
TENT
6-way jumper link for 94.P3 and 94.P4 sockets
094.56 (blue)
Rated values
10 A - 250 V
094.52
2-way jumper link for 94.P3 and 94.P4 sockets
094.52
Rated values
10 A - 250 V
097.52
2-way jumper link for 94.P3 and 94.P4 sockets
097.52
Rated values
10 A - 250 V
097.00
Marker tag holder for 94.P3 and 94.P4 sockets
097.00
4
94 SERIES
Sockets and accessories for 85 series timers
85
SERIES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com