Electronic Components Datasheet Search
  English  ▼

X  

LM1881 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1881
Description  Video Sync Separator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1881 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1881 Datasheet HTML 1Page - National Semiconductor (TI) LM1881 Datasheet HTML 2Page - National Semiconductor (TI) LM1881 Datasheet HTML 3Page - National Semiconductor (TI) LM1881 Datasheet HTML 4Page - National Semiconductor (TI) LM1881 Datasheet HTML 5Page - National Semiconductor (TI) LM1881 Datasheet HTML 6Page - National Semiconductor (TI) LM1881 Datasheet HTML 7Page - National Semiconductor (TI) LM1881 Datasheet HTML 8Page - National Semiconductor (TI) LM1881 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
13.2V
Input Voltage
3 V
P-P (VCC = 5V)
6V
P-P (VCC
≥ 8V)
Output Sink Currents; Pins, 1, 3, 5
5 mA
Output Sink Current; Pin 7
2 mA
Package Dissipation (Note 2)
1100 mW
Storage Temperature Range
−65˚C to +150˚C
ESD Susceptibility (Note 3)
2 kV
ESD Susceptibility (Note 4)
200 V
Soldering Information
Dual-In-Line Package (10 sec.)
260˚C
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
Electrical Characteristics LM1881
V
CC = 5V; RSET = 680 k
Ω;T
A = 0˚C to +70˚C by correlation with 100% electrical testing at TA=25˚C
Parameter
Conditions
Min
Typ (Note 5)
Max
Units
Supply Current
Outputs at
Logic 1
V
CC =5V
V
CC = 12V
5.2
5.5
10
12
mA
DC Input Voltage
Pin 2
1.3
1.5
1.8
V
Input Threshold Voltage
(Note 6)
55
70
85
mV
Input Discharge Current
Pin 2; V
IN = 2V
6
11
16
µA
Input Clamp Charge Current
Pin 2; V
IN = 1V
0.2
0.8
mA
R
SET Pin Reference Voltage
Pin 6; (Note 7)
1.10
1.22
1.35
V
Composite Sync. & Vertical
Outputs
I
OUT =40µA;
Logic 1
V
CC =5V
V
CC = 12V
4.0
11.0
4.5
V
I
OUT = 1.6 mA
Logic 1
V
CC =5V
V
CC = 12V
2.4
10.0
3.6
V
Burst Gate & Odd/Even
Outputs
I
OUT =40µA;
Logic 1
V
CC =5V
V
CC = 12V
4.0
11.0
4.5
V
Composite Sync. Output
I
OUT = −1.6 mA; Logic 0; Pin 1
0.2
0.8
V
Vertical Sync. Output
I
OUT = −1.6 mA; Logic 0; Pin 3
0.2
0.8
V
Burst Gate Output
I
OUT = −1.6 mA; Logic 0; Pin 5
0.2
0.8
V
Odd/Even Output
I
OUT = −1.6 mA; Logic 0; Pin 7
0.2
0.8
V
Vertical Sync Width
190
230
300
µs
Burst Gate Width
2.7 k
Ω from Pin 5 to V
CC
2.5
4
4.7
µs
Vertical Default Time
(Note 8)
32
65
90
µs
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com