Electronic Components Datasheet Search
  English  ▼

X  

7451 Datasheet(PDF) 3 Page - Wera Tools

Part # 7451
Description  7460 Kraftform pre-set adjustable torque screwdrivers with Rapidaptor quick-release chuck, 1/4 inch, 0,3 Nm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERA [Wera Tools]
Direct Link  https://www-de.wera.de/en/
Logo WERA - Wera Tools

7451 Datasheet(HTML) 3 Page - Wera Tools

  7451 Datasheet HTML 1Page - Wera Tools 7451 Datasheet HTML 2Page - Wera Tools 7451 Datasheet HTML 3Page - Wera Tools  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
7460 Kraftform pre-set adjustable torque screwdrivers with Rapidaptor quick-
release chuck, 1/4 inch, 0,3 Nm
Series 7400 Kraftform Torque Screwdrivers
Further versions in this product family:
art. no.
mm
inch
nm
nm
mm
inch
05074790001
7450
89
1/4
0.1
0.1-0.34
133
5 1/4
05074790010
1)
7450
89
1/4
0.1
0.1-0.34
133
5 1/4
05074792001
7451
89
1/4
0.3
0.3-1.0
133
5 1/4
05074792010
1)
7451
89
1/4
0.3
0.3-1.0
133
5 1/4
05074794001
7452
89
1/4
0.9
0.9-1.5
133
5 1/4
05074794010
1)
7452
89
1/4
0.9
0.9-1.5
133
5 1/4
05074715001
7460
105
1/4
0.3
0.3-1.2
155
6
05074715010
1)
7460
105
1/4
0.3
0.3-1.2
155
6
05074716001
7461
105
1/4
1.2
1.2-3.0
155
6
05074716010
1)
7461
105
1/4
1.2
1.2-3.0
155
6
05133177001
7464
105
1/4
3.3
3.0-6.0
155
6
1) Other pre-set values within the adjustable range can be delivered on request
Web link
http://products.wera.de/en/torque_tools_series_7400_kraftform_torque_screwdrivers_pre-set_adjustable_torque_models_7400_vor.html
Wera - 7400 vor
05074715001 - 4013288102911
Wera Werkzeuge GmbH
Korzerter Straße 21-25
D-42349 Wuppertal
Tel: +49 (0)2 02 / 40 45-0
E-Mail: info@wera.de
02.08.2018 - 3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com