Electronic Components Datasheet Search
  English  ▼

X  

LM2622 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2622
Description  600kHz/1.3MHz Step-up PWM DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2622 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2622 Datasheet HTML 8Page - National Semiconductor (TI) LM2622 Datasheet HTML 9Page - National Semiconductor (TI) LM2622 Datasheet HTML 10Page - National Semiconductor (TI) LM2622 Datasheet HTML 11Page - National Semiconductor (TI) LM2622 Datasheet HTML 12Page - National Semiconductor (TI) LM2622 Datasheet HTML 13Page - National Semiconductor (TI) LM2622 Datasheet HTML 14Page - National Semiconductor (TI) LM2622 Datasheet HTML 15Page - National Semiconductor (TI) LM2622 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Application Information (Continued)
1.3 MHZ OPERATION
POWER DISSIPATION
The output power of the LM2622 is limited by its maximum
power dissipation. The maximum power dissipation is deter-
mined by the formula
P
D =(Tjmax -TA)/
θ
JA
where T
jmax is the maximum specidfied junction temperature
(125˚C), T
A is the ambient temperature, and
θ
JA is the ther-
mal resistance of the package.
θ
JA is dependant on the
layout of the board as shown below.
10127311
10127312
10127313
10127330
FIGURE 5. 1.3 MHz operation
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com