Electronic Components Datasheet Search
  English  ▼

X  

L6223 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6223
Description  DMOS PROGRAMMABLE HIGH SPEED UNIPOLAR STEPPER MOTOR DRIVER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6223 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6223 Datasheet HTML 25Page - STMicroelectronics L6223 Datasheet HTML 26Page - STMicroelectronics L6223 Datasheet HTML 27Page - STMicroelectronics L6223 Datasheet HTML 28Page - STMicroelectronics L6223 Datasheet HTML 29Page - STMicroelectronics L6223 Datasheet HTML 30Page - STMicroelectronics L6223 Datasheet HTML 31Page - STMicroelectronics L6223 Datasheet HTML 32Page - STMicroelectronics L6223 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Figure 36: Peaktransient Rth pulse width and Duty Cycle.
Notes on the p.c.b. design.
We recommend to observe the following layout
rules to avoid application problems associated
with ground loops and anomalous recirculation
currents. The by-pass capacitors for the power
and logic supply must to be kept as close to the
IC as possible.
It’s important to separate on the PCB board the
logic and the power grounds avoiding that
grounds traces of the logic signals cross the
ground traces of the power signals. The starpoint
grounding, the point of the board in which the
logic ground meets the power ground, should be
kept far enough away from where the power
ground traces terminate to ground (sense resis-
tors and protection zener diodes traces). This
avoids interference with the logic signals. Be-
cause the IC uses the board as a heatsink the
dissipating copper area must be sized in accord-
ance with the required value of Rthj-amb. It’s impor-
tant to provide a good filter for the logic supply,
especially for the resistor of the oscillator net-
work. In addition, the capacitor ground of the RC
network must be as clean as possible. When the
ground is used also to heatsink, it is helpful to
use either a polistyrin capacitor or one with a low
temperature coefficient. The value of the boot-
strap capacitor is not a critical parameter, never-
theless the use of a capacitor of 10nF
±20% is
recommended. A non-inductive resistor is the
best way to implement the sensing, but when that
is not possible, more metalfilm resistors of the
same value can be paralleled.
L6223
31/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com