| Electronic Components Datasheet Search |
|
MM5483 Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM5483 Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 7 page ![]() MM5483 Liquid Crystal Display Driver General Description The MM5483 is a monolithic integrated circuit utilizing CMOS metal-gate low-threshold enhancement mode de- vices. It is available in a 40-pin molded package. The chip can drive up to 31 segments of LCD and can be cascaded to increase this number. This chip is capable of driving a 41⁄2- digit 7-segment display with minimal interface between the display and the data source. The MM5483 stores the display data in latches after it is latched in, and holds the data until another load pulse is received. Features n Serial data input n Serial data output n Wide power supply operation n TTL compatibility n 31 segment outputs n Alphanumeric and bar graph capability n Cascade capability Applications n COPS™ or microprocessor displays n Industrial control indicator n Digital clock, thermometer, counter, voltmeter n Instrumentation readouts n Remote displays Block and Connection Diagrams COPS™ is a trademark of National Semiconductor Corporation. 00614001 FIGURE 1. May 2002 © 2004 National Semiconductor Corporation DS006140 www.national.com |
Similar Part No. - MM5483 |
|
Similar Description - MM5483 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |