Electronic Components Datasheet Search
  English  ▼

X  

1SA Datasheet(PDF) 1 Page - Weller Tools

Part # 1SA
Description  Precision tweezers with pointed tips for standard applications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

1SA Datasheet(HTML) 1 Page - Weller Tools

  1SA Datasheet HTML 1Page - Weller Tools 1SA Datasheet HTML 2Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROFESSIONAL
Product Information
1SA
Product no.: 1SA
Precision tweezers with pointed tips for standard applications.
source images
For applications in microelectronics, jewelrymaking,
watchmaking, medicine and laboratory technology
Suitable for delicate standard applications and
precision work on small components or wires
Special stainless steel, non-magnetic, non-rusting,
acid-proof, heat-resistant
The perfect Combination - Precision, design, symmetry and balance
Weller Erem™ has a wide range of Tweezers, each designed to be strong, comfortable and precise. Manufactured with uncompromising Swiss quality and created for worldwide
applications, including electronics assembly and healthcare, Weller Erem Tweezers are built to last. Feel the difference with Weller Erem™ – the proven choice. Every time.
Swiss
Made
PRECISION
TOOLS


Similar Part No. - 1SA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1SA0 MCC-1SA0 Datasheet
86Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shanghai Lunsure Electr...
1SA0 CHENYI-1SA0 Datasheet
54Kb / 3P
1.0Amp Schottky Barrier Rectifier
logo
Jinan Jingheng (Group) ...
1SA0 JINANJINGHENG-1SA0 Datasheet
65Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
1SA0 SHUNYE-1SA0 Datasheet
259Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
1SA0 CHENDA-1SA0 Datasheet
535Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - 1SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
49157 ETC2-49157 Datasheet
138Kb / 1P
Long Tweezers With Serrated Pattern Tips
D-1409 ETC2-D-1409 Datasheet
2Mb / 54P
standard straight tips
logo
IDEAL-TEK SA
0.SA.DC.0 IDEAL-TEK-0.SA.DC.0 Datasheet
519Kb / 1P
High Precision - Diamond Tip Tweezers
00.SA.DC.0 IDEAL-TEK-00.SA.DC.0 Datasheet
518Kb / 1P
High Precision - Diamond Tip Tweezers
2AB.SA.DC.0 IDEAL-TEK-2AB.SA.DC.0 Datasheet
525Kb / 1P
High Precision - Diamond Tip Tweezers
3.SA.DC.0 IDEAL-TEK-3.SA.DC.0 Datasheet
521Kb / 1P
High Precision - Diamond Tip Tweezers
35A.SA.DC.1 IDEAL-TEK-35A.SA.DC.1 Datasheet
522Kb / 1P
High Precision - Diamond Tip Tweezers
4.SA.DC.0 IDEAL-TEK-4.SA.DC.0 Datasheet
505Kb / 1P
High Precision - Diamond Tip Tweezers
5.SA.DC.0 IDEAL-TEK-5.SA.DC.0 Datasheet
516Kb / 1P
High Precision - Diamond Tip Tweezers
65A.SA.DC.0 IDEAL-TEK-65A.SA.DC.0 Datasheet
522Kb / 1P
High Precision - Diamond Tip Tweezers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com