Electronic Components Datasheet Search
  English  ▼

X  

3CSA Datasheet(PDF) 1 Page - Weller Tools

Part # 3CSA
Description  Precision tweezers, standard model for delicate work.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

3CSA Datasheet(HTML) 1 Page - Weller Tools

  3CSA Datasheet HTML 1Page - Weller Tools 3CSA Datasheet HTML 2Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROFESSIONAL
Product Information
3CSA
Product no.: 3CSA
Precision tweezers, standard model for delicate work.
source images
For applications in microelectronics, jewelrymaking,
watchmaking, medicine and laboratory technology
Suitable for delicate standard applications and
precision work on small components or wires
Special stainless steel, non-magnetic, non-rusting,
acid-proof, heat-resistant
The perfect Combination - Precision, design, symmetry and balance
Weller Erem™ has a wide range of Tweezers, each designed to be strong, comfortable and precise. Manufactured with uncompromising Swiss quality and created for worldwide
applications, including electronics assembly and healthcare, Weller Erem Tweezers are built to last. Feel the difference with Weller Erem™ – the proven choice. Every time.
Swiss
Made
PRECISION
TOOLS


Similar Part No. - 3CSA

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
3CSFP81-C ATGBICS-3CSFP81-C Datasheet
339Kb / 10P
3CSFP81 3COM Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
3CSFP82-C ATGBICS-3CSFP82-C Datasheet
294Kb / 8P
3CSFP82 3COM Compatible Transceiver SFP 100Base-LX (1310nm, SMF, 10km, DOM)
3CSFP91-C ATGBICS-3CSFP91-C Datasheet
293Kb / 8P
3CSFP91 3COM Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
3CSFP92-C ATGBICS-3CSFP92-C Datasheet
322Kb / 9P
3CSFP92 3COM Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
3CSFP93-C ATGBICS-3CSFP93-C Datasheet
184Kb / 7P
3CSFP93 3COM Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results

Similar Description - 3CSA

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
0.SA.DC.0 IDEAL-TEK-0.SA.DC.0 Datasheet
519Kb / 1P
High Precision - Diamond Tip Tweezers
00.SA.DC.0 IDEAL-TEK-00.SA.DC.0 Datasheet
518Kb / 1P
High Precision - Diamond Tip Tweezers
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
High Precision - Diamond Tip Tweezers
2AB.SA.DC.0 IDEAL-TEK-2AB.SA.DC.0 Datasheet
525Kb / 1P
High Precision - Diamond Tip Tweezers
3.SA.DC.0 IDEAL-TEK-3.SA.DC.0 Datasheet
521Kb / 1P
High Precision - Diamond Tip Tweezers
35A.SA.DC.1 IDEAL-TEK-35A.SA.DC.1 Datasheet
522Kb / 1P
High Precision - Diamond Tip Tweezers
4.SA.DC.0 IDEAL-TEK-4.SA.DC.0 Datasheet
505Kb / 1P
High Precision - Diamond Tip Tweezers
5.SA.DC.0 IDEAL-TEK-5.SA.DC.0 Datasheet
516Kb / 1P
High Precision - Diamond Tip Tweezers
65A.SA.DC.0 IDEAL-TEK-65A.SA.DC.0 Datasheet
522Kb / 1P
High Precision - Diamond Tip Tweezers
7.SA.DC.0 IDEAL-TEK-7.SA.DC.0 Datasheet
524Kb / 1P
High Precision - Diamond Tip Tweezers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com