Electronic Components Datasheet Search
  English  ▼

X  

8001 Datasheet(PDF) 3 Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC.

Part # 8001
Description  Prototyping Boards (Circbord®)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTOR [VECTOR ELECTRONICS AND TECHNOLOGY, INC.]
Direct Link  https://www.vectorelect.com/
Logo VECTOR - VECTOR ELECTRONICS AND TECHNOLOGY, INC.

8001 Datasheet(HTML) 3 Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC.

  8001 Datasheet HTML 1Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC. 8001 Datasheet HTML 2Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC. 8001 Datasheet HTML 3Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC. 8001 Datasheet HTML 4Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
11115 Vanowen St., North Hollywood, CA 91605 Phone(818)985-8208 Fax(818)985-7708
Web site: http://www.vectorelect.com ELECTRONIC COMPANY
Toll-Free (800) 423-5659
Circuit Pattern:
Pad-Per-Hole
Contacts:
N/A
Width/Thick:
13.25"/.062"
Height:
5.00"
16-Pin DIP Capacity:
154
Material:
FR4 Epoxy Glass
Solder Terminals:
T42-1
Wire-Wrap Terminals:
T44, T46, 49, T68
Wire-Wrap Socket Pins:
R32
Hole Diameter:
.042"
45P80-1
4.5" x 8.08"
• Isolated, square pads around
each hole
VECTORBORD®
Prototyping Boards (Circbord®)
Circuit Pattern:
Pad-Per-Hole
Contacts:
N/A
Width/Thick:
11.00"/.062"
Height:
9.20"
16-Pin DIP Capacity:
283
Material:
FR4 Epoxy Glass
Solder Terminals:
T42-1
Wire-Wrap Terminals:
T44, T46, T49, T68
Wire-Wrap Socket Pins:
R32
Hole Diameter:
.042"
• Plated-thru holes
• Approximates Eurocard (DIN)
specifications: 6U x 280MM, can
be sheared down to 6U x 220MM,
or 160MM
• 0.080" diameter, isolated solder
pad around holes
• Unrestricted component
placement, extended area for
high density applications
8006
5.0" x 13.25"
8012
9.2" x 11.0"
Circuit Pattern:
Pad-Per-Hole
Contacts:
N/A
Width/Thick:
8.08"/.062"
Height:
4.50"
16-Pin DIP Capacity:
80
Material:
CEM-1
Solder Terminals:
T42-1
Wire-Wrap Terminals:
T44, T46, T49, T68
Wire-Wrap Socket Pins:
R32
Hole Diameter:
.042"
• Copper plated-thru holes
• 0.080" diameter, isolated solder
pad around holes, both sides
• Unrestricted component place
ment, extended area for high
density applications
• Board can be cut down into
smaller units



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com